Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34652 Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # 34652
Description  2.0 A Negative Voltage Hot Swap Controller with Enhanced Programmability
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34652 Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button 34652 Datasheet HTML 10Page - Freescale Semiconductor, Inc 34652 Datasheet HTML 11Page - Freescale Semiconductor, Inc 34652 Datasheet HTML 12Page - Freescale Semiconductor, Inc 34652 Datasheet HTML 13Page - Freescale Semiconductor, Inc 34652 Datasheet HTML 14Page - Freescale Semiconductor, Inc 34652 Datasheet HTML 15Page - Freescale Semiconductor, Inc 34652 Datasheet HTML 16Page - Freescale Semiconductor, Inc 34652 Datasheet HTML 17Page - Freescale Semiconductor, Inc 34652 Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
Analog Integrated Circuit Device Data
14
Freescale Semiconductor
34652
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
Figure 10. Overcurrent Mode for Less Than 3.0 ms
Short Circuit Mode
If the current going through the load becomes > 5.0 A, the
Power MOSFET is discharged very fast (in less than 10
µs)
to try to regulate the current at the ILIM value, and the 34652
is in the overcurrent mode for 3.0 ms. Then it follows the
pattern outlined in the Overcurrent Mode paragraph above.
DISABLING AND ENABLING THE 34652
When a negative voltage (< 1.8 V below VPWR) is applied
to the DISABLE pin for more than 1.0 ms (Point A in
Figure 11), the 34652 is disabled, the Power MOSFET turns
off, and the power good output signals deactivate. The 34652
stays in this state until the voltage on the DISABLE pin is
brought to within ±1.2 V of VPWR for more than 1.0 ms to
enable the device (Point B in Figure 11). Then a new start-up
sequence initiates as described on page 12. Applying a
positive voltage (> 1.8 V above VPWR) would also disable the
34652 in the same manner.
Figure 11. Disabling and Enabling the 34652
Figure 12 demonstrates that the 34652 must be enabled
for the length of the start-up timer to start turning on the
Power MOSFET. After the fourth disable signal, the 34652
was enabled for the length of the start-up timer. And because
the retry counter is less than 10, the 34652 turns on the
Power MOSFET and starts the charging process (refer to the
Charging Process section, pages 12–13).
Figure 12. Start-Up Timer Versus Disable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com