Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34652 Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # 34652
Description  2.0 A Negative Voltage Hot Swap Controller with Enhanced Programmability
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34652 Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button 34652 Datasheet HTML 16Page - Freescale Semiconductor, Inc 34652 Datasheet HTML 17Page - Freescale Semiconductor, Inc 34652 Datasheet HTML 18Page - Freescale Semiconductor, Inc 34652 Datasheet HTML 19Page - Freescale Semiconductor, Inc 34652 Datasheet HTML 20Page - Freescale Semiconductor, Inc 34652 Datasheet HTML 21Page - Freescale Semiconductor, Inc 34652 Datasheet HTML 22Page - Freescale Semiconductor, Inc 34652 Datasheet HTML 23Page - Freescale Semiconductor, Inc 34652 Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
Analog Integrated Circuit Device Data
20
Freescale Semiconductor
34652
TYPICAL APPLICATIONS
Figure 20. External Resistor (RTIMER) Value Versus
Start-Up and Retry Delay Timer Value (tTIMER)
POWER GOOD OUTPUT SIGNALS
The power good pins PG and PG are output pins that are
used to directly enable a power module load. The device has
active high and active low power good output signals.
Choosing which power good active signal depends on the
Enable signal requirement of the load. This feature allows the
34652 to adapt to different applications and a wide variety of
loads.
The power good output signal is active if the Power
MOSFET is fully enhanced and the device is in normal
operation. The signal goes active after a typical 20 ms delay.
The signal deactivates if one of the following occurs:
• Power is turned off.
• The device is disabled for more than 1.0 ms.
• The device exceeded its thermal shutdown threshold for
more than 12
µs.
• The device is in overvoltage or undervoltage mode for
more than 1.0 ms.
• Load current exceeded the overcurrent limit for more than
3.0 ms.
When the power good output signal becomes inactive, it
disables the load, protecting it from any faults or damage.
These loads are usually DC/DC converters, depicted in
Figure 19, page 18. An LED can also be connected to PG to
indicate that the power is good.
The PG and PG pins are referenced to VIN and require a
pull-up resistor connected to VPWR (Figures 18 and 19,
page 18).
DISABLING AND ENABLING THE 34652
The Disable control input (DISABLE) provides two
functions:
• External enable/disable control.
• Manual resetting of the device and the retry counter after
a fault has occurred.
Using the DISABLE pin, a user can enable/disable the 34652
device, which facilitates easy access to connect the load to or
disconnect it from the main power rail.
When power is first applied, the DISABLE pin must be
inactive in order for the 34652 to initiate a start-up sequence.
If the DISABLE pin is active, the device makes no further
steps until the pin is inactive. If the DISABLE pin is activated
at any point during the start-up and thereafter during normal
operation, then the retry counter resets, the Power MOSFET
turns off, and the power good output signals deactivate. The
DISABLE circuit is equipped with a 1.0 ms filter to filter out
any glitches or transients on the DISABLE input and prevent
the Power MOSFET from turning off prematurely.
The DISABLE pin is referenced to VPWR. If left open or
connected to VPWR, meaning the voltage at the DISABLE
pin is between VPWR + 1.2 V and VPWR - 1.2 V, it is inactive
and the device is enabled. If a positive voltage (1.8 V above
VPWR) or a negative voltage (1.8 V below VPWR) is applied to
DISABLE, it is active and the device is disabled.
CHARGING CURRENT LIMIT
When the device passes the UVLO threshold, it checks if
there is any external resistor or external capacitor connected
to the ICHG pin. If there is, then it determines the value of the
charging current limit value and the charging current limit rise
time accordingly. If there is not, it uses the default charging
current limit value of 100 mA and rise time of 1.0 ms.
Note Users are allowed to connect an external capacitor
to the ICHG pin only if an external resistor is also connected.
During the external components’ check, a capacitor produces
an impulse of current and an external resistor will be
detected, even it the external resistor is absent.
When the Power MOSFET is turned on, the current limit is
set gradually from 0 A to ICHG. This current charges up the
load capacitor relatively slowly. When the load capacitor is
fully charged, the Power MOSFET reaches its full
enhancement, which triggers the current limit to change from
ICHG to ILIM and the load current to decrease. The power good
output signals activate after a 20 ms delay, which in turn
enables the load. The 34652 is now in normal operation
mode and the retry counter resets.
0
50
100
150
200
250
300
350
400
450
500
550
0
200
400
600
800
1000
1200
ttim er (ms)
tTIMER (ms)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com