Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34652 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # 34652
Description  2.0 A Negative Voltage Hot Swap Controller with Enhanced Programmability
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34652 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button 34652 Datasheet HTML 2Page - Freescale Semiconductor, Inc 34652 Datasheet HTML 3Page - Freescale Semiconductor, Inc 34652 Datasheet HTML 4Page - Freescale Semiconductor, Inc 34652 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34652 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34652 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34652 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34652 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34652 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
34652
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 3. Static Electrical Characteristics
Characteristics noted under conditions 15 V ≤ VPWR ≤ 80 V and -40°C ≤ TA ≤ 85°C. All voltages are referenced to VIN unless
otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER SUPPLY PIN (VPWR)
Supply Voltage
VPWR
15
—
80
V
Supply Current, Device Enabled, Default Mode, Normal Operation (11)
IIN
—
900
1400
µA
Undervoltage Lockout Threshold (UVLO)
Rising
Falling
Hysteresis
VUVLOR
VUVLOF
VUVLOHY
7.0
6.0
—
8.0
7.0
1.0
9.0
8.0
—
V
UNDERVOLTAGE CONTROL
UV Threshold (Default)
Rising
Falling
Hysteresis
VUV(ON)
VUV(OFF)
VUVHY
—
—
—
38
37
1.0
—
—
—
V
UV Comparator Threshold
Rising
Hysteresis
VUVC
VUVCHY
—
—
1.3
34
—
—
V
mV
UV Input Leakage Current
IUVLG
—
—
1.0
µA
Maximum Value of the Series Resistance Between UV and VPWR Pins
—
—
—
500
k
Ω
OVERVOLTAGE CONTROL
OV Threshold (Default)
Rising
Falling
Hysteresis
VOV(OFF)
VOV(ON)
VOVHY
—
—
—
78
76
2.0
—
—
—
V
OV Comparator Threshold
Rising
Hysteresis
VOVC
VOVCHY
—
—
1.3
34
—
—
V
mV
OV Input Leakage Current
IOVLG
—
—
1.0
µA
Maximum Value of the Series Resistance Between UV and VPWR Pins
—
—
—
500
k
Ω
Notes
11.
The supply current depends on operation mode and can be calculated as follows:
•Start-Up Mode: IIN = 539 µA + 548 µ * ICHG(A) + 216 µ * ILIM(A) + VPWR(V) / 460(kΩ)
•Normal Mode: IIN = 539 µA + 240 µ * ILIM(A) + 288 µ * ILOAD(A) + VPWR(V) / 460(kΩ)
•Overcurrent Mode: IIN = 539 µA + 612 µ * ILIM(A) + VPWR(V) / 460(kΩ)
•Disable Mode: IIN = 539 µA + 240 µ * ILIM(A) + IDIS(µA) + VPWR(V) / 460(kΩ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com