Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34652 Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # 34652
Description  2.0 A Negative Voltage Hot Swap Controller with Enhanced Programmability
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34652 Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button 34652 Datasheet HTML 11Page - Freescale Semiconductor, Inc 34652 Datasheet HTML 12Page - Freescale Semiconductor, Inc 34652 Datasheet HTML 13Page - Freescale Semiconductor, Inc 34652 Datasheet HTML 14Page - Freescale Semiconductor, Inc 34652 Datasheet HTML 15Page - Freescale Semiconductor, Inc 34652 Datasheet HTML 16Page - Freescale Semiconductor, Inc 34652 Datasheet HTML 17Page - Freescale Semiconductor, Inc 34652 Datasheet HTML 18Page - Freescale Semiconductor, Inc 34652 Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
15
34652
FUNCTIONAL DEVICE OPERATION
PROTECTION FEATURES
BOARD REMOVAL
When the board is removed, its power ramps down. As
soon as the 34652’s input voltage reaches the undervoltage
turn-off threshold, the undervoltage detection circuit activates
and the Power MOSFET turns off for having violated one of
the start-up conditions (list on page 12).
34652 STATE MACHINE DIAGRAM
Figure 13 is a representation of the 34652 behavior in
different modes of operation.
Figure 13. State Diagram
PROTECTION FEATURES
UNDERVOLTAGE
When the voltage on the UV pin drops below the
undervoltage falling threshold for more than 1.0 ms, an
undervoltage fault is detected and one of the start-up
conditions (list on page 12) is violated. The 34652 turns off
the Power MOSFET and deactivates the power good output
signals, disabling the load (Point A in Figure 14). The 34652
stays in this state until the voltage on the UV pin rises above
the undervoltage rising threshold for more than 1.0 ms,
signaling that the supply voltage is in the normal operation
range (Point B in Figure 14). Then a new start-up sequence
initiates as described on page 12. The undervoltage
detection circuit is also equipped with a 1.0 V hysteresis
when in default mode. The hysteresis value depends on the
undervoltage detection threshold and can be calculated as
follows:
VUVHY = VUV(RISING) * [1 - (1.3 V - VUVCHY) / 1.3 V]
Figure 14. Undervoltage Fault Followed by a
New Start-Up Sequence
MOSFET
→ OFF
PG = 0
Undervoltage
MOSFET
→ OFF
PG = 0
Power Off
Temp < 135°C
Filter = 12
µs
VPWR < VUVLOF
Filter = 1.0 ms
A signal “set” is generated to check
resistors on UV, ILIM, ICHG, and
TIMER pins and 128
µs later
the OV pin
Retry Fault
STOP
Toggle DISABLE
or cycle Power Off
then On to clear fault
Power
Good Check
and VDS < 500 mV
for 20 ms
Charging Mode
N
≤ 10
Turn Off
MOSFET
→ OFF
PG = 0
PG = 1
N = 0
VPWR > VUVLOR
Filter = 1.0 ms
Filter = 3.0 ms
ILOAD > ILIM
ILOAD < ILIM - ILIMHY
Short Circuit
Detection
Fast Gate Discharge
< 10
µs
ILOAD > ISHORT
Overcurrent
for > 3.0 ms
Pass PG
Check
Fail PG
Check
N
> 10
for 100
µs
VPWR < VUV(OFF)
Filter = 1.0 ms
MOSFET
→ OFF
PG = 0
Overvoltage
VPWR < VOV(ON)
VPWR > VOV(OFF)
Filter = 1.0 ms
Filter = 1.0 ms
PG = 0
MOSFET
→ OFF
Temp > 160°C
Filter = 12
µs
Thermal
Shutdown
Ext. Resistor Check
POR is generated
N = 0
MOSFET
→ OFF
PG = 0
DISABLE
POR is generated
N = 0
DISABLE = 1
Filter = 1.0 ms
DISABLE = 0
Filter = 1.0 ms
VPWR > VUV(ON)
Filter = 1.0 ms
If ILOAD < ILIM
Overcurrent Mode
Normal Operation
VDS < 500 mV
Start-Up Conditions
• Thermal Shutdown < 160°C
Filter = tTIMER
• VPWR > VUV(OFF)
• VPWR < VOV(OFF)
N = N + 1
• DISABLE = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com