Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34652 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # 34652
Description  2.0 A Negative Voltage Hot Swap Controller with Enhanced Programmability
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34652 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  34652 Datasheet HTML 1Page - Freescale Semiconductor, Inc 34652 Datasheet HTML 2Page - Freescale Semiconductor, Inc 34652 Datasheet HTML 3Page - Freescale Semiconductor, Inc 34652 Datasheet HTML 4Page - Freescale Semiconductor, Inc 34652 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34652 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34652 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34652 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34652 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
34652
PIN CONNECTIONS
PIN CONNECTIONS
Figure 3. 16-SOICN Pin Connections
Table 1. 16-SOICN Pin Definitions
A functional description of each pin can be found in the FUNCTIONAL PIN DESCRIPTION section beginning on page 10.
Pin
Pin Name
Formal Name
Definition
1, 8, 9, 16
VIN
Negative Supply
Input Voltage
This is the most negative power supply input. All pins except DISABLE are referenced
to this input.
2
PG
Power Good Output
(Active High)
This is an active high power good output signal. This pin is referenced to VIN.
3
PG
Power Good Output
(Active Low)
This is an active low power good output signal. This pin is referenced to VIN.
4, 5
VOUT
Output Voltage
This pin is the drain of the internal Power MOSFET and supplies a current limited voltage
to the load.
6
TIMER
Start-Up and Retry
Delay Timer
This input is used to control the time base used to generate the timing sequences at
start-up and the retry delay when the device experiences any fault.
7
NC
No Connect
Not connected.
10
OV
Overvoltage Control
This pin is used to set the upper limit of the input voltage operation range.
11
UV
Undervoltage Control
This pin is used to set the lower limit of the input voltage operation range.
12
VPWR
Positive Supply
Input Voltage
This is the most-positive power supply input. The load connects between this pin and the
VOUT pin.
13
DISABLE
Disable Input Control
This pin is used to easily disconnect or connect the load from the main power line by
disabling or enabling the 34652. It can also be used to reset the fault conditions that
cause a “Power No Good” signal. This pin is referenced to VPWR.
14
ILIM
Current Limit Control
This pin is used to set the overcurrent limit during normal operation.
15
ICHG
Charging Current
Limit Control
This pin is used to set the load’s input capacitor charging current limit, hence limiting the
inrush current to a known constant value.
VIN
VIN
ICHG
ILIM
DISABLE
VPWR
OV
UV
VIN
VIN
PG
PG
VOUT
VOUT
NC
TIMER
8
2
3
4
5
7
6
9
16
15
14
13
12
10
11
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com