Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34652 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # 34652
Description  2.0 A Negative Voltage Hot Swap Controller with Enhanced Programmability
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34652 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button 34652 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34652 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34652 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34652 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34652 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34652 Datasheet HTML 10Page - Freescale Semiconductor, Inc 34652 Datasheet HTML 11Page - Freescale Semiconductor, Inc 34652 Datasheet HTML 12Page - Freescale Semiconductor, Inc 34652 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
34652
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
Table 4. Dynamic Electrical Characteristics
Characteristics noted under conditions 15 V ≤ VPWR ≤ 80 V and -40°C ≤ TA ≤ 85°C. All voltages are referenced to VIN unless
otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
UNDERVOLTAGE CONTROL
UV Active to Gate Low Filter Time
tUVAL
—
1.0
—
ms
OVERVOLTAGE CONTROL
OV Active to Gate Low Filter Time
tOVAL
—
1.0
—
ms
DISABLE INPUT CONTROL PIN (DISABLE) (14)
DISABLE Active to Gate Low Filter Time
tDISAL
—
1.0
—
ms
CURRENT LIMIT CONTROL PINS (ILIM, ICHG)
Short Circuit Protection Delay
tSCPD
—
—
10
µs
Overcurrent Limit Filter Time
tOCFT
—
100
—
µs
Overcurrent Limit Regulation Time
tOC
—
3.0
—
ms
ICHG Rise Time
Default
Adjustable with an External Capacitor
tICHGR
—
1.0
1.0
—
—
—
ms
POWER GOOD OUTPUT PINS (PG, PG) (15)
Power Good Output Delay Time, from Power MOSFET Enhancement to PG
and PG Asserted
tPG
10
28
46
ms
START-UP AND RETRY DELAY TIMER (TIMER)
Start-Up and Retry Delay Timer
Default
Maximum with External Resistor
Minimum with External Resistor
tTIMER
130
—
—
200
1000
100
270
—
—
ms
Notes
14.
Referenced to VPWR.
15.
Referenced to VIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com