Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34652 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # 34652
Description  2.0 A Negative Voltage Hot Swap Controller with Enhanced Programmability
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34652 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  34652 Datasheet HTML 1Page - Freescale Semiconductor, Inc 34652 Datasheet HTML 2Page - Freescale Semiconductor, Inc 34652 Datasheet HTML 3Page - Freescale Semiconductor, Inc 34652 Datasheet HTML 4Page - Freescale Semiconductor, Inc 34652 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34652 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34652 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34652 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34652 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Analog Integrated Circuit Device Data
2
Freescale Semiconductor
34652
INTERNAL BLOCK DIAGRAM
INTERNAL BLOCK DIAGRAM
Figure 2. 34652 Simplified Internal Block Diagram
TIMER
PG
DISABLE
VPWR
UVLO
1.3 V
1.3 V
1.3 V
3.1 V
8.0 µA
UV
OV
ILIM
ICHG
Thermal
Shutdown
Sensor MOSFET
Power MOSFET
VOUT
VIN
+
-
+
-
+
-
External
Resistors
Detection
Programmable
Current Limit
Gate Control
Driver
Logic
Referenced VPWR
Logic
Fixed
Oscillator
Adjustable Oscillator
and
Startup Delay Timer
Timer
and
External
Resistors
Detection
PG
VIN
UV
OV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com