Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB95F134JS Datasheet(PDF) 46 Page - fujitsu semiconductor

Part # MB95F134JS
Description  8-bit Proprietary Microcontrollers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95F134JS Datasheet(HTML) 46 Page - fujitsu semiconductor

Back Button MB95F134JS Datasheet HTML 42Page - fujitsu semiconductor MB95F134JS Datasheet HTML 43Page - fujitsu semiconductor MB95F134JS Datasheet HTML 44Page - fujitsu semiconductor MB95F134JS Datasheet HTML 45Page - fujitsu semiconductor MB95F134JS Datasheet HTML 46Page - fujitsu semiconductor MB95F134JS Datasheet HTML 47Page - fujitsu semiconductor MB95F134JS Datasheet HTML 48Page - fujitsu semiconductor MB95F134JS Datasheet HTML 49Page - fujitsu semiconductor MB95F134JS Datasheet HTML 50Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 63 page
background image
MB95130M Series
46
Sampling at the falling edge of sampling clock*1 and prohibited serial clock delay*2
(ESCR register : SCES bit
= 1, ECCR register : SCDE bit = 0)
(VCC
= 5.0 V± 10%, AVSS = VSS = 0.0 V, TA = − 40 °C to + 85 °C)
*1 : Provide switch function whether sampling of reception data is performed at rising edge or falling edge of the
serial clock.
*2 : Serial clock delay function is used to delay half clock for the output signal of serial clock.
*3 : Refer to “ (2) Source Clock/Machine Clock” for tMCLK.
Parameter
Sym-
bol
Pin name
Condition
Value
Unit
Min
Max
Serial clock cycle time
tSCYC
SCK
Internal clock
operation output pin :
CL
= 80 pF + 1 TTL.
5 tMCLK*3
⎯
ns
SCK
↑→ SOT delay time
tSHOVI
SCK, SOT
− 95
+95
ns
Valid SIN
→ SCK↓
tIVSLI
SCK, SIN
tMCLK*3
+ 190
⎯
ns
SCK
↓→ valid SIN hold time
tSLIXI
SCK, SIN
0
⎯
ns
Serial clock “H” pulse width
tSHSL
SCK
External clock
operation output pin :
CL
= 80 pF + 1 TTL.
3 tMCLK*3
− tR
⎯
ns
Serial clock “L” pulse width
tSLSH
SCK
tMCLK*3
+ 95
⎯
ns
SCK
↑ → SOT delay time
tSHOVE
SCK, SOT
⎯
2 tMCLK*3
+ 95
ns
Valid SIN
→ SCK↓
tIVSLE
SCK, SIN
190
⎯
ns
SCK
↓→ valid SIN hold time
tSLIXE
SCK, SIN
tMCLK*3
+ 95
⎯
ns
SCK fall time
tF
SCK
⎯
10
ns
SCK rise time
tR
SCK
⎯
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com