Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB95F134JS Datasheet(PDF) 30 Page - fujitsu semiconductor

Part # MB95F134JS
Description  8-bit Proprietary Microcontrollers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95F134JS Datasheet(HTML) 30 Page - fujitsu semiconductor

Back Button MB95F134JS Datasheet HTML 26Page - fujitsu semiconductor MB95F134JS Datasheet HTML 27Page - fujitsu semiconductor MB95F134JS Datasheet HTML 28Page - fujitsu semiconductor MB95F134JS Datasheet HTML 29Page - fujitsu semiconductor MB95F134JS Datasheet HTML 30Page - fujitsu semiconductor MB95F134JS Datasheet HTML 31Page - fujitsu semiconductor MB95F134JS Datasheet HTML 32Page - fujitsu semiconductor MB95F134JS Datasheet HTML 33Page - fujitsu semiconductor MB95F134JS Datasheet HTML 34Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 63 page
background image
MB95130M Series
30
2.
Recommended Operating Conditions
(AVSS
= VSS = 0.0 V)
*1: The value varies depending on the operating frequency.
*2: The value is 2.88 V when the low-voltage detection reset is used.
*3: Use ceramic capacitor or a capacitor with equivalent frequency characteristics. A bypass capacitor of VCC pin
must have a capacitance value higher than CS. For connection of smoothing capacitor CS, refer to the diagram
below.
WARNING: The recommended operating conditions are required in order to ensure the normal operation of the
semiconductor device. All of the device’s electrical characteristics are warranted when the device is
operated within these ranges.
Always use semiconductor devices within their recommended operating condition ranges. Operation
outside these ranges may adversely affect reliability and could result in device failure.
No warranty is made with respect to uses, operating conditions, or combinations not represented on
the data sheet. Users considering application outside the listed conditions are advised to contact their
FUJITSU representatives beforehand.
Parameter
Symbol
Pin name
Condition
Value
Unit
Remarks
Min
Max
Power supply
voltage
VCC,
AVCC
⎯⎯
2.42*2
5.5*1
V
At normal operation
2.3
5.5
Holds condition in
stop mode
Smoothing
capacitor
CS
⎯⎯
0.1
1.0
µF*3
Operating
temperature
TA
⎯⎯
− 40
+ 85
°C
C
CS
• C pin connection diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com