Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB95F134JS Datasheet(PDF) 32 Page - fujitsu semiconductor

Part # MB95F134JS
Description  8-bit Proprietary Microcontrollers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95F134JS Datasheet(HTML) 32 Page - fujitsu semiconductor

Back Button MB95F134JS Datasheet HTML 28Page - fujitsu semiconductor MB95F134JS Datasheet HTML 29Page - fujitsu semiconductor MB95F134JS Datasheet HTML 30Page - fujitsu semiconductor MB95F134JS Datasheet HTML 31Page - fujitsu semiconductor MB95F134JS Datasheet HTML 32Page - fujitsu semiconductor MB95F134JS Datasheet HTML 33Page - fujitsu semiconductor MB95F134JS Datasheet HTML 34Page - fujitsu semiconductor MB95F134JS Datasheet HTML 35Page - fujitsu semiconductor MB95F134JS Datasheet HTML 36Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 63 page
background image
MB95130M Series
32
(VCC
= AVCC = 5.0 V ± 10%, AVSS = VSS = 0.0 V, TA = − 40 °C to + 85 °C)
(Continued)
Parameter
Symbol
Pin name
Condition
Value
Unit
Remarks
Min
Typ
Max
Input
leakage
current
(Hi-Z out-
put leakage
current)
ILI
P00 to P07, P10
to P16, PF0,
PF1, PG1, PG2
0.0 V < VI < VCC
− 5
⎯
+ 5
µA
When the
pull-up
prohibition
setting
Pull-up
resistor
RPULL
P00 to P07, P10
to P16, PG1,
PG2
VI
= 0.0 V
25
50
100
k
Ω
When the
pull-up
permission
setting
Pull-down
resistor
RMOD
MOD
VI
= VCC
50
100
200
k
Ω
MASK ROM
product only
Input
capacity
CIN
Other than
AVCC, AVss, C,
Vcc and Vss
f
= 1 MHz
⎯
515
pF
Power
supply
current*2
ICC
VCC
(External clock
operation)
VCC
= 5.5 V
FCH
= 20 MHz
FMP
= 10 MHz
Main clock mode
(divided by 2)
⎯
9.5
12.5
mA
Flash memory
product
(at other than
Flash memory
writing and
erasing)
⎯
30
35
mA
Flash memory
product
(at Flash
memory writing
and erasing)
⎯
7.2
9.5
mA
MASK ROM
product
FCH
= 32 MHz
FMP
= 16 MHz
Main clock mode
(divided by 2)
⎯
15.2
20.0
mA
Flash memory
product
(at other than
Flash memory
writing and
erasing)
⎯
35.7
42.5
mA
Flash memory
product
(at Flash
memory writing
and erasing)
⎯
11.6
15.2
mA
MASK ROM
product



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com