Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB95F134JS Datasheet(PDF) 27 Page - fujitsu semiconductor

Part # MB95F134JS
Description  8-bit Proprietary Microcontrollers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95F134JS Datasheet(HTML) 27 Page - fujitsu semiconductor

Back Button MB95F134JS Datasheet HTML 23Page - fujitsu semiconductor MB95F134JS Datasheet HTML 24Page - fujitsu semiconductor MB95F134JS Datasheet HTML 25Page - fujitsu semiconductor MB95F134JS Datasheet HTML 26Page - fujitsu semiconductor MB95F134JS Datasheet HTML 27Page - fujitsu semiconductor MB95F134JS Datasheet HTML 28Page - fujitsu semiconductor MB95F134JS Datasheet HTML 29Page - fujitsu semiconductor MB95F134JS Datasheet HTML 30Page - fujitsu semiconductor MB95F134JS Datasheet HTML 31Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 63 page
background image
MB95130M Series
27
■ INTERRUPT SOURCE TABLE
Interrupt source
Interrupt
request
number
Vector table address
Bit name of
interrupt level
setting register
Same level
priority order
(atsimultaneous
occurrence)
Upper
Lower
External interrupt ch.0
IRQ0
FFFAH
FFFBH
L00 [1 : 0]
High
External interrupt ch.4
External interrupt ch.1
IRQ1
FFF8H
FFF9H
L01 [1 : 0]
External interrupt ch.5
External interrupt ch.2
IRQ2
FFF6H
FFF7H
L02 [1 : 0]
External interrupt ch.6
External interrupt ch.3
IRQ3
FFF4H
FFF5H
L03 [1 : 0]
External interrupt ch.7
UART/SIO ch.0
IRQ4
FFF2H
FFF3H
L04 [1 : 0]
8/16-bit compound timer ch.0 (Lower)
IRQ5
FFF0H
FFF1H
L05 [1 : 0]
8/16-bit compound timer ch.0 (Higher)
IRQ6
FFEEH
FFEFH
L06 [1 : 0]
LIN-UART (reception)
IRQ7
FFECH
FFEDH
L07 [1 : 0]
LIN-UART (transmission)
IRQ8
FFEAH
FFEBH
L08 [1 : 0]
(Unused)
IRQ9
FFE8H
FFE9H
L09 [1 : 0]
(Unused)
IRQ10
FFE6H
FFE7H
L10 [1 : 0]
(Unused)
IRQ11
FFE4H
FFE5H
L11 [1 : 0]
8/16-bit PPG ch.0 (Upper)
IRQ12
FFE2H
FFE3H
L12 [1 : 0]
8/16-bit PPG ch.0 (Lower)
IRQ13
FFE0H
FFE1H
L13 [1 : 0]
(Unused)
IRQ14
FFDEH
FFDFH
L14 [1 : 0]
16-bit PPG ch.0
IRQ15
FFDCH
FFDDH
L15 [1 : 0]
(Unused)
IRQ16
FFDAH
FFDBH
L16 [1 : 0]
(Unused)
IRQ17
FFD8H
FFD9H
L17 [1 : 0]
8/10-bit A/D converter
IRQ18
FFD6H
FFD7H
L18 [1 : 0]
Timebase timer
IRQ19
FFD4H
FFD5H
L19 [1 : 0]
Watch prescaler/Watch counter
IRQ20
FFD2H
FFD3H
L20 [1 : 0]
(Unused)
IRQ21
FFD0H
FFD1H
L21 [1 : 0]
(Unused)
IRQ22
FFCEH
FFCFH
L22 [1 : 0]
Flash memory
IRQ23
FFCCH
FFCDH
L23 [1 : 0]
Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com