Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB95F134JS Datasheet(PDF) 22 Page - fujitsu semiconductor

Part # MB95F134JS
Description  8-bit Proprietary Microcontrollers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95F134JS Datasheet(HTML) 22 Page - fujitsu semiconductor

Back Button MB95F134JS Datasheet HTML 18Page - fujitsu semiconductor MB95F134JS Datasheet HTML 19Page - fujitsu semiconductor MB95F134JS Datasheet HTML 20Page - fujitsu semiconductor MB95F134JS Datasheet HTML 21Page - fujitsu semiconductor MB95F134JS Datasheet HTML 22Page - fujitsu semiconductor MB95F134JS Datasheet HTML 23Page - fujitsu semiconductor MB95F134JS Datasheet HTML 24Page - fujitsu semiconductor MB95F134JS Datasheet HTML 25Page - fujitsu semiconductor MB95F134JS Datasheet HTML 26Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 63 page
background image
MB95130M Series
22
■ I/O MAP
(Continued)
Address
Register
abbreviation
Register name
R/W
Initial value
0000H
PDR0
Port 0 data register
R/W
00000000B
0001H
DDR0
Port 0 direction register
R/W
00000000B
0002H
PDR1
Port 1 data register
R/W
00000000B
0003H
DDR1
Port 1 direction register
R/W
00000000B
0004H
⎯
(Disabled)
⎯⎯
0005H
WATR
Oscillation stabilization wait time setting register
R/W
11111111B
0006H
PLLC
PLL control register
R/W
00000000B
0007H
SYCC
System clock control register
R/W
1010X011B
0008H
STBC
Standby control register
R/W
00000000B
0009H
RSRR
Reset source register
R
XXXXXXXXB
000AH
TBTC
Timebase timer control register
R/W
00000000B
000BH
WPCR
Watch prescaler control register
R/W
00000000B
000CH
WDTC
Watchdog timer control register
R/W
00000000B
000DH
to
0027H
⎯
(Disabled)
⎯⎯
0028H
PDRF
Port F data register
R/W
00000000B
0029H
DDRF
Port F direction register
R/W
00000000B
002AH
PDRG
Port G data register
R/W
00000000B
002BH
DDRG
Port G direction register
R/W
00000000B
002CH
PUL0
Port 0 pull-up register
R/W
00000000B
002DH
PUL1
Port 1 pull-up register
R/W
00000000B
002EH
to
0034H
⎯
(Disabled)
⎯⎯
0035H
PULG
Port G pull-up register
R/W
00000000B
0036H
T01CR1
8/16-bit compound timer 01 control status register 1 ch.0
R/W
00000000B
0037H
T00CR1
8/16-bit compound timer 00 control status register 1 ch.0
R/W
00000000B
0038H,
0039H
⎯
(Disabled)
⎯⎯
003AH
PC01
8/16-bit PPG1 control register ch.0
R/W
00000000B
003BH
PC00
8/16-bit PPG0 control register ch.0
R/W
00000000B
003CH
to
0041H
⎯
(Disabled)
⎯⎯
0042H
PCNTH0
16-bit PPG control status register (Upper byte) ch.0
R/W
00000000B
0043H
PCNTL0
16-bit PPG control status register (Lower byte) ch.0
R/W
00000000B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com