Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB95F134JS Datasheet(PDF) 29 Page - fujitsu semiconductor

Part # MB95F134JS
Description  8-bit Proprietary Microcontrollers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95F134JS Datasheet(HTML) 29 Page - fujitsu semiconductor

Back Button MB95F134JS Datasheet HTML 25Page - fujitsu semiconductor MB95F134JS Datasheet HTML 26Page - fujitsu semiconductor MB95F134JS Datasheet HTML 27Page - fujitsu semiconductor MB95F134JS Datasheet HTML 28Page - fujitsu semiconductor MB95F134JS Datasheet HTML 29Page - fujitsu semiconductor MB95F134JS Datasheet HTML 30Page - fujitsu semiconductor MB95F134JS Datasheet HTML 31Page - fujitsu semiconductor MB95F134JS Datasheet HTML 32Page - fujitsu semiconductor MB95F134JS Datasheet HTML 33Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 63 page
background image
MB95130M Series
29
*1: The parameter is based on AVSS
= VSS = 0.0 V.
*2: Apply equal potential to AVCC and VCC. AVR should not exceed AVCC
+ 0.3 V.
*3: VI and VO should not exceed Vcc + 0.3 V. VI must not exceed the rating voltage. However, if the maximum
current to/from an input is limited by some means with external components, the ICLAMP rating supersedes
the VI rating.
*4: Applicable pins: P10 to P15, PF0, PF1 (Inapplicable pins: PG1, PG2)
• Use within recommended operating conditions.
• Use at DC voltage (current).
• +B signal is an input signal that exceeds VCC voltage. The + B signal should always be applied a limiting
resistance placed between the
+ B signal and the microcontroller.
• The value of the limiting resistance should be set so that when the + B signal is applied the input current
to the microcontroller pin does not exceed rated values, either instantaneously or for prolonged periods.
• Note that when the microcontroller drive current is low, such as in the power saving modes, the +B input
potential may pass through the protective diode and increase the potential at the VCC pin, and this affects
other devices.
• Note that if the + B signal is inputted when the microcontroller power supply is off (not fixed at 0 V), the power
supply is provided from the pins, so that incomplete operation may result.
• Note that if the + B input is applied during power-on, the power supply is provided from the pins and the
resulting power supply voltage may not be sufficient to operate the power-on reset.
• Care must be taken not to leave the + B input pin open.
• Note that analog system input/output pins other than the A/D input pins (LCD drive pins, etc.) cannot accept
+B signal input.
• Sample recommended circuits :
WARNING: Semiconductor devices can be permanently damaged by application of stress (voltage, current,
temperature, etc.) in excess of absolute maximum ratings. Do not exceed these ratings.
P-ch
N-ch
Vcc
R
• Input/Output Equivalent circuits
+ B input (0 V to 16 V)
Limiting
resistance
Protective diode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com