Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB95F134JS Datasheet(PDF) 31 Page - fujitsu semiconductor

Part # MB95F134JS
Description  8-bit Proprietary Microcontrollers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95F134JS Datasheet(HTML) 31 Page - fujitsu semiconductor

Back Button MB95F134JS Datasheet HTML 27Page - fujitsu semiconductor MB95F134JS Datasheet HTML 28Page - fujitsu semiconductor MB95F134JS Datasheet HTML 29Page - fujitsu semiconductor MB95F134JS Datasheet HTML 30Page - fujitsu semiconductor MB95F134JS Datasheet HTML 31Page - fujitsu semiconductor MB95F134JS Datasheet HTML 32Page - fujitsu semiconductor MB95F134JS Datasheet HTML 33Page - fujitsu semiconductor MB95F134JS Datasheet HTML 34Page - fujitsu semiconductor MB95F134JS Datasheet HTML 35Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 63 page
background image
MB95130M Series
31
3.
DC Characteristics
(VCC
= = AVCC = 5.0 V ± 10%, AVSS = VSS = 0.0 V, TA = − 40 °C to + 85 °C)
(Continued)
Parameter
Symbol
Pin name
Condition
Value
Unit
Remarks
Min
Typ
Max
"H" level
input
voltage
VIHI
P04 (selectable
in SIN),
P10 (selectable
in UI0)
⎯
0.7 VCC
⎯
VCC
+ 0.3
V
Hysteresis input
VIHSI
P00 to P07,
P10 to P16,
PF0, PF1,
PG1, PG2
⎯
0.8 VCC
⎯
VCC
+ 0.3
V
Hysteresis input
VIHA
P00 to P07,
P10 to P16,
PF0, PF1,
PG1, PG2
⎯
0.8 Vcc
⎯
VCC
+ 0.3
V
Pin input at selecting
of Automotive
input level
VIHM
RST, MOD
⎯
0.7 VCC
⎯
VCC
+ 0.3
V
CMOS input
(Flash memory
product)
⎯
0.8 VCC
⎯
VCC
+ 0.3
V
Hysteresis input
(MASK ROM
product)
“L” level
input
voltage
VIL
P04 (selectable
in SIN),
P10 (selectable
in UI0)
⎯
VSS
− 0.3 ⎯
0.3 VCC
V
Hysteresis input
VILS
P00 to P07,
P10 to P16,
PF0, PF1,
PG1, PG2
⎯
VSS
− 0.3 ⎯
0.2 VCC
V
Hysteresis input
VILA
P00 to P07,
P10 to P16,
PF0, PF1,
PG1, PG2
⎯
VSS
− 0.3 ⎯
0.5 VCC
V
Pin input at selecting
of Automotive
input level
VILM
RST, MOD
⎯
VSS
− 0.3 ⎯
0.3 VCC
V
CMOS input
(Flash memory
product)
⎯
VSS
− 0.3 ⎯
0.2 VCC
V
Hysteresis input
(MASK ROM
product)
“H” level
output
voltage
VOH1
Output pin other
than PF0, PF1
IOH
= − 4.0 mA VCC − 0.5 ⎯⎯
V
VOH2
PF0, PF1
IOH
= − 8.0 mA VCC − 0.5 ⎯⎯
V
“L” level
output
voltage
VOL1
Output pin other
than PF0 to
PF7, RST*1
IOL
= 4.0 mA
⎯⎯
0.4
V
VOL2
PF0, PF1
IOL
= 12 mA
⎯⎯
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com