Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB95F134JS Datasheet(PDF) 13 Page - fujitsu semiconductor

Part # MB95F134JS
Description  8-bit Proprietary Microcontrollers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95F134JS Datasheet(HTML) 13 Page - fujitsu semiconductor

Back Button MB95F134JS Datasheet HTML 9Page - fujitsu semiconductor MB95F134JS Datasheet HTML 10Page - fujitsu semiconductor MB95F134JS Datasheet HTML 11Page - fujitsu semiconductor MB95F134JS Datasheet HTML 12Page - fujitsu semiconductor MB95F134JS Datasheet HTML 13Page - fujitsu semiconductor MB95F134JS Datasheet HTML 14Page - fujitsu semiconductor MB95F134JS Datasheet HTML 15Page - fujitsu semiconductor MB95F134JS Datasheet HTML 16Page - fujitsu semiconductor MB95F134JS Datasheet HTML 17Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 63 page
background image
MB95130M Series
13
■ HANDLING DEVICES
• Preventing latch-up
Care must be taken to ensure that maximum voltage ratings are not exceeded when the devices are used.
Latch-up may occur on CMOS ICs if voltage higher than VCC or lower than VSS is applied to input and output pins
other than medium- and high-withstand voltage pins or if voltage higher than the rating voltage is applied between
VCC pin and VSS pin.
When latch-up occurs, power supply current increases rapidly and might thermally damage elements.
Also, take care to prevent the analog power supply voltage (AVCC, AVR) and analog input voltage from exceeding
the digital power supply voltage (VCC) when the analog system power supply is turned on or off.
• Stable supply voltage
Supply voltage should be stabilized.
A sudden change in power supply voltage may cause a malfunction even within the guaranteed operating range
of the VCC power supply voltage.
For stabilization, in principle, keep the variation in VCC ripple (p-p value) in a commercial frequency range
(50 / 60 Hz) not to exceed 10
% of the standard VCC value and suppress the voltage variation so that the transient
variation rate does not exceed 0.1 V/ms during a momentary change such as when the power supply is switched.
• Precautions for use of external clock
Even when an external clock is used, oscillation stabilization wait time is required for power-on reset, wake-up
from the sub clock mode or stop mode.
■ PIN CONNECTION
• Treatment of unused pins
Leaving unused input pins unconnected can cause abnormal operation or latch-up, leading to permanent
damage. Unused input pins should always be pulled up or down through resistance of at least 2 k
Ω.
Any unused input/output pins may be set to the output mode and left open, or set to the input mode and treated
the same as unused input pins. If there is any unused output pin, make it open.
• Treatment of power supply pins on A/D converter
Connect to be AVCC
= VCC and AVSS = VSS even if the A/D converter is not in use.
Noise riding on the AVCC pin may cause accuracy degradation. So, connect approx. 0.1
µF ceramic capacitor
as a bypass capacitor between AVCC and AVSS pins in the vicinity of this device.
• Power Supply Pins
In products with multiple VCC or VSS pins, the pins of the same potential are internally connected in the device
to avoid abnormal operations including latch-up. However, all the pins must be connected to external power
supply and a ground line to lower the electro-magnetic emission level, to prevent abnormal operation of strobe
signals caused by the rise in the ground level, and to conform to the total output current rating. Moreover, connect
the current supply source with the VCC and VSS pins of this device at the low impedance.
It is also advisable to connect a ceramic bypass capacitor of approximately 0.1
µF between VCC and VSS pins
near this device.
• Mode pin (MOD)
Connect the mode pin directly to VCC or VSS pins.
To prevent the device unintentionally entering the test mode due to noise, lay out the printed circuit board so as
to minimize the distance from the mode pins to VCC or VSS pins and to provide a low-impedance connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com