Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB95F134JS Datasheet(PDF) 33 Page - fujitsu semiconductor

Part # MB95F134JS
Description  8-bit Proprietary Microcontrollers
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95F134JS Datasheet(HTML) 33 Page - fujitsu semiconductor

Back Button MB95F134JS Datasheet HTML 29Page - fujitsu semiconductor MB95F134JS Datasheet HTML 30Page - fujitsu semiconductor MB95F134JS Datasheet HTML 31Page - fujitsu semiconductor MB95F134JS Datasheet HTML 32Page - fujitsu semiconductor MB95F134JS Datasheet HTML 33Page - fujitsu semiconductor MB95F134JS Datasheet HTML 34Page - fujitsu semiconductor MB95F134JS Datasheet HTML 35Page - fujitsu semiconductor MB95F134JS Datasheet HTML 36Page - fujitsu semiconductor MB95F134JS Datasheet HTML 37Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 63 page
background image
MB95130M Series
33
(VCC
= AVCC = 5.0 V ± 10%, AVSS = VSS = 0.0 V, TA = − 40 °C to + 85 °C)
(Continued)
Parameter Symbol
Pin name
Condition
Value
Unit
Remarks
Min
Typ
Max
Power
supply
current*2
ICCS
VCC
(External clock
operation)
VCC
= 5.5 V
FCH
= 20 MHz
FMP
= 10 MHz
Main Sleep mode
(divided by 2)
⎯
4.5
7.5
mA
FCH
= 32 MHz
FMP
= 16 MHz
Main Sleep mode
(divided by 2)
⎯
7.2
12.0
mA
ICCL
VCC
= 5.5 V
FCL
= 32 kHz
FMPL
= 16 kHz
Sub clock mode
(divided by 2) ,
TA
= + 25 °C
⎯
45
100
µA
Dual clock
product only
ICCLS
VCC
= 5.5 V
FCL
= 32 kHz
FMPL
= 16 kHz
Sub sleep mode
(divided by 2) ,
TA
= + 25 °C
⎯
10
81
µA
Dual clock
product only
ICCT
VCC
= 5.5 V
FCL
= 32 kHz
Watch mode
Main stop mode
TA
= + 25 °C
⎯
4.6
27
µA
Dual clock
product only
ICCMPLL
VCC
= 5.5 V
FCH
= 4 MHz
FMP
= 10 MHz
Main PLL mode
(multiplied by 2.5)
⎯
9.3
12.5
mA
Flash memory
product
⎯
79.5
mA
MASK ROM
product
FCH
= 6.4 MHz
FMP
= 16 MHz
Main PLL mode
(multiplied by 2.5)
⎯
14.9
20.0
mA
Flash memory
product
⎯
11.2
15.2
mA
MASK ROM
product
ICCSPLL
VCC
= 5.5 V
FCL
= 32 kHz
FMPL
= 128 kHz
Sub PLL mode
(
multiplied by 4) ,
TA
= + 25 °C
⎯
160
400
µA
Dual clock
product only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com