Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FIDO5210BBCZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # FIDO5210BBCZ-R7
Description  Real-Time Ethernet Multiprotocol (REM) Switch
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

FIDO5210BBCZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  FIDO5210BBCZ-R7 Datasheet HTML 1Page - Analog Devices FIDO5210BBCZ-R7 Datasheet HTML 2Page - Analog Devices FIDO5210BBCZ-R7 Datasheet HTML 3Page - Analog Devices FIDO5210BBCZ-R7 Datasheet HTML 4Page - Analog Devices FIDO5210BBCZ-R7 Datasheet HTML 5Page - Analog Devices FIDO5210BBCZ-R7 Datasheet HTML 6Page - Analog Devices FIDO5210BBCZ-R7 Datasheet HTML 7Page - Analog Devices FIDO5210BBCZ-R7 Datasheet HTML 8Page - Analog Devices FIDO5210BBCZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Data Sheet
fido5100/fido5200
SPECIFICATIONS
analog.com
Rev. G | 5 of 21
Table 2. Nonmultiplexed Address Data Bus—Read and Write Cycle Timing1, 2, 3 (Continued)
Parameter
Min
Typ
Max
Unit
Description
tDH
30
ps
Input data hold after WE high
1 The MBS pin determines whether the host interfaced has multiplexed or separate address and data lines. When MBS = 0, the interface is nonmultiplexed.
2 OE can be taken low before CS. Therefore, tEOE can be a negative value. In this case, a board designer must closely monitor tDO and tCDV to avoid bus contention and
ensure proper data transfer.
3 The read bus cycle terminates when either CS or OE is taken high. Therefore, a negative value for tCOE is acceptable in some circumstances.
Timing Diagrams, Nonmultiplexed REM Switch
Figure 2. REM Switch Nonmultiplexed Address and Data Bus Read Timing, MBS = 0
Figure 3. REM Switch Nonmultiplexed Address and Data Bus Write Timing, MBS = 0
TIMING SPECIFICATIONS—MULTIPLEXED ADDRESS DATA BUS
Table 3. Multiplexed Address Data Bus—Read and Write Cycle Timing1
Parameter
Min
Typ
Max
Unit
Description
tALEH
8
ns
ALE high time
tALEL
16
ns
ALE low time
tAS
170
ps
Address setup time
tAH
170
ps
Address hold time
tCDV
20
ns
ALE to valid data
tALOE
2
ns
ALE to output enable
tODV
20
ns
Output enable to data valid
tDHZ
150
ps
Output disable to high-Z time
tCHZ
150
ps
CS high to high-Z time
tCLLL
0
ns
CS low to ALE low
tCSH
8
ns
CS high time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com