Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FIDO5210BBCZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # FIDO5210BBCZ-R7
Description  Real-Time Ethernet Multiprotocol (REM) Switch
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

FIDO5210BBCZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button FIDO5210BBCZ-R7 Datasheet HTML 13Page - Analog Devices FIDO5210BBCZ-R7 Datasheet HTML 14Page - Analog Devices FIDO5210BBCZ-R7 Datasheet HTML 15Page - Analog Devices FIDO5210BBCZ-R7 Datasheet HTML 16Page - Analog Devices FIDO5210BBCZ-R7 Datasheet HTML 17Page - Analog Devices FIDO5210BBCZ-R7 Datasheet HTML 18Page - Analog Devices FIDO5210BBCZ-R7 Datasheet HTML 19Page - Analog Devices FIDO5210BBCZ-R7 Datasheet HTML 20Page - Analog Devices FIDO5210BBCZ-R7 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
Data Sheet
fido5100/fido5200
SILICON ANOMALY
analog.com
Rev. G | 20 of 21
This anomaly list describes the known bugs, anomalies, and workarounds for the fido5100/fido5200.
Analog Devices, Inc., is committed, through future silicon revisions, to continuously improving silicon functionality. Analog Devices tries
to ensure that these future silicon revisions remain compatible with your present software/systems by implementing the recommended
workarounds outlined here.
FIDO5100/FIDO5200 FUNCTIONALITY ISSUES
Table 18. fido5100/fido5200 Functionality Issues
Silicon Revision Identifier
Silicon Status
Anomaly Sheet
Number of Reported Anomalies
0
Released
Rev. 0
1
FUNCTIONALITY ISSUES
Table 19. Logical Write Errata for the fido5200 [er001]
Background
When using the fido5200, the logical memory read write (LRW) command is not updated correctly.
Issue
Condition: occurs when the output process data objects (PDOs) are not configured.
Impact: the EtherCAT leader reports an invalid working counter.
Root cause: the fido5200 hardware wrongly updates the working counter (WC) for the logical memory read write command when the output
data is not mapped.
Workaround
Option 1: configure one of the receive PDOs of one byte in the EtherCAT slave information (ESI) file or by having the EtherCAT leader use
dynamic PDOs.
Option 2: instead of a logical memory read write, a logical memory read (LRD) can be used when the outputs are not configured. The
logical memory read can be implemented in the ESI file or during the configuration for the EtherCAT leader.
Related Issues
None.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com