Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FIDO5210BBCZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # FIDO5210BBCZ-R7
Description  Real-Time Ethernet Multiprotocol (REM) Switch
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

FIDO5210BBCZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button FIDO5210BBCZ-R7 Datasheet HTML 13Page - Analog Devices FIDO5210BBCZ-R7 Datasheet HTML 14Page - Analog Devices FIDO5210BBCZ-R7 Datasheet HTML 15Page - Analog Devices FIDO5210BBCZ-R7 Datasheet HTML 16Page - Analog Devices FIDO5210BBCZ-R7 Datasheet HTML 17Page - Analog Devices FIDO5210BBCZ-R7 Datasheet HTML 18Page - Analog Devices FIDO5210BBCZ-R7 Datasheet HTML 19Page - Analog Devices FIDO5210BBCZ-R7 Datasheet HTML 20Page - Analog Devices FIDO5210BBCZ-R7 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
Data Sheet
fido5100/fido5200
APPLICATIONS INFORMATION
analog.com
Rev. G | 18 of 21
Figure 11. Application for the REM Switch
REM SWITCH HARDWARE
The basic REM switch hardware is identified as the fido5100 or
fido5200. For example, the fido5100 supports the following proto-
cols:
►
PROFINET RT and IRT, Class B and Class C
►
EtherNet/IP with and without DLR, QuickConnect, CIP Sync, and
CIP Motion
►
Modbus TCP
The fido5200 supports the following protocols:
►
EtherCAT
►
All protocols defined for the fido5100
The REM switches are PI Net Load Class III capable. It also
supports IEEE 1588 Version 2 for ordinary clock (both peer to peer
and end to end transparent clocks), raw frames, and user datagram
protocol (UDP), as well as discovery configuration protocol (DCP),
link layer discovery protocol (LLDP), dynamic host configuration
protocol (DHCP), rapid spanning tree protocol (RSTP), virtual local
area network (VLAN), and Internet group management protocol
(IGMP) snooping support.
REM Switch Drivers
The REM switch driver for each protocol is provided as portable C
code. The REM Switch Software Driver User Guide describes the
driver for each protocol and its integration into a host processor.
Refer to UG-1285 to download the user guide.
BOARD LAYOUT
The following guidelines provide best practice for board layout with
the REM switch:
►
Use individual polygons for the power planes for each of the
three supplies. Allow at least 0.2 mm of isolation between the
power planes.
►
Isolate clock signals from the other traces and make them as
short as possible.
►
A minimum clearance around the REM switch of 3 mm is re-
quired to facilitate heat dissipation.
DESIGN CONSIDERATIONS
Power
The REM switch require 1.2 V and 3.3 V power supplies. Each
power level requires its own power plane on the PCB.
The REM switch uses 3.3 V LVCMOS logic levels for its I/O. This
I/O requires a 3.3 V (±10%) power supply circuit. Ideally, this circuit
uses a low noise switching power supply. The REM switch use a
1.2 V (±10%) supply for the core of the chip. The core power supply
requires its own power plane on the PCB. Additional best practices
include
►
Use one 0.1 µF bypass capacitor for every 1.2 V power pin.
►
Use a power supply IC rated to supply at least 100 mA.
►
Supply 3.3 V power from its own layer on the PCB to the 3.3 V
power input pins on the REM switch.
►
Use one 0.1 µF bypass capacitor for every 3.3 V power pin.
►
For the 1.2 V analog supply, the signal must be isolated using a
120 Ω, 500 mA ferrite bead and 10 µF, 1 µF, and 0.1 µF filtering
capacitors.
Reset
The RESET signal is typically driven by the host microprocessor
that is paired with the REM switch. RESET is an active low signal;
therefore, pull RESET high as power becomes valid.
Physical Layer (PHY)
The REM switch is designed intentionally without PHYs because
of the different requirements on PHY performance. EtherCAT and
PROFINET IRT have much tighter latency and jitter requirements
than standard Ethernet. The ADIN1200 is a low power, single port,
10 Mbps, and 100 Mbps Ethernet PHY. It is designed for industrial
Ethernet applications and pairs well with fido® devices where a
PHY is needed.
Clocking
Most PHYs allow the user to clock the PHY with a crystal oscillator
or a separate clock source when using an MII interface. It is a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com