Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FIDO5210BBCZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # FIDO5210BBCZ-R7
Description  Real-Time Ethernet Multiprotocol (REM) Switch
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

FIDO5210BBCZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button FIDO5210BBCZ-R7 Datasheet HTML 13Page - Analog Devices FIDO5210BBCZ-R7 Datasheet HTML 14Page - Analog Devices FIDO5210BBCZ-R7 Datasheet HTML 15Page - Analog Devices FIDO5210BBCZ-R7 Datasheet HTML 16Page - Analog Devices FIDO5210BBCZ-R7 Datasheet HTML 17Page - Analog Devices FIDO5210BBCZ-R7 Datasheet HTML 18Page - Analog Devices FIDO5210BBCZ-R7 Datasheet HTML 19Page - Analog Devices FIDO5210BBCZ-R7 Datasheet HTML 20Page - Analog Devices FIDO5210BBCZ-R7 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
Data Sheet
fido5100/fido5200
APPLICATIONS INFORMATION
analog.com
Rev. G | 19 of 21
requirement for EtherCAT designs (and recommended for other
designs) to use the CLKOUT signal from the REM switch as the
clock source for the PHYs. This approach minimizes jitter as much
as possible.
CLKOUT from the REM switch is a 25 MHz clock signal generated
from the 25 MHz input clock to the REM switch using the internal
PLL of the REM switch. The PHY uses the 25 MHz CLKOUT signal
to generate the MII receive (Rx) and transmit (Tx) clock inputs
(P1_RXCLK, P1_TXCLK, P2_RXCLK, and P2_TXCLK pins) to the
REM switch.
For RMII, the REM switch generates the required 50 MHz clock for
the RMII interface. The clock is generated from the 25 MHz input
clock to the REM switch using the internal PLL of the REM switch.
As with all clock signals, take care when routing these signals to
minimize noise and loading effects.
Management Data Input/Output (MDIO)
All PHYs require configuration and can provide some type of status
information in return. Each PHY is different, but most PHYs use
a management data input/output (MDIO) interface to communicate
this configuration and status. The REM switch does not provide
separate communication to the PHYs. The host processor paired
with the REM switch is required to provide this PHY communica-
tion.
Contact Analog Devices, Inc., technical support regarding questions
about PHY settings or the MDIO interface.
RAPID PLATFORM GENERATION 2 (RPG2)
SOLUTION
When using the RapID Platform Generation 2 (RPG2) solu-
tion with the embedded reference design, the fido5110BBCZ,
fido5110CBCZ, fido5210BBCZ, and fido5210CBCZ are the only
versions of the real-time Ethernet multiprotocol switch that work
with the industrial Ethernet protocols related to this solution. See
the Ordering Guide section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com