Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FIDO5210BBCZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # FIDO5210BBCZ-R7
Description  Real-Time Ethernet Multiprotocol (REM) Switch
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

FIDO5210BBCZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button FIDO5210BBCZ-R7 Datasheet HTML 6Page - Analog Devices FIDO5210BBCZ-R7 Datasheet HTML 7Page - Analog Devices FIDO5210BBCZ-R7 Datasheet HTML 8Page - Analog Devices FIDO5210BBCZ-R7 Datasheet HTML 9Page - Analog Devices FIDO5210BBCZ-R7 Datasheet HTML 10Page - Analog Devices FIDO5210BBCZ-R7 Datasheet HTML 11Page - Analog Devices FIDO5210BBCZ-R7 Datasheet HTML 12Page - Analog Devices FIDO5210BBCZ-R7 Datasheet HTML 13Page - Analog Devices FIDO5210BBCZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Data Sheet
fido5100/fido5200
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. G | 10 of 21
Table 5. Pin Function Descriptions (Continued)
Pin No.
Mnemonic
Direction1
Description
Pin D2 is unused when MBS = 1 for the multiplexed address data bus.
D3
A05/UNUSED
I
Address Line 05/Multiplexed Address Bus. This is a multifunction pin.
Pin D3 is Address Line 05 when MBS = 0 for the nonmultiplexed address data bus. When MBS =
0, Pin D3 is Bit 05 of the address bus. Line A05 is sampled on the falling edge of CS (Pin D12).
The addresses are 32-bit aligned/addressable.
Pin D3 is unused when MBS = 1 for the multiplexed address data bus.
D4
D08
I/O
Data Bus Bit 08. Pin D4 is Data Bus Bit 08 to and from the REM switch.
D5
D12
I/O
Data Bus Bit 12. Pin D5 is Data Bus Bit 12 to and from the REM switch.
D6, E5, E7, F6, G5, G8, H6, J7 VCC+1V2
N/A
1.2 V Power Supply.
D7, D9, E4, E6, E8, F1, F3,
F5, F7, F8, F9, G4, G6, G7,
G9, H1, H3, H5, H7, H8, J4,
J6, J10, K4, K5, K11, K12, L5,
L12, M5
GND
N/A
Ground.
D8, E9, F4, H2, H4, H9, J5
VCC+3V3
N/A
3.3 V Power Supply.
D10
TIMER7
O
Internal Precision Timer Clock 7 Synchronized. Pin D10 is a programmable output.
D11
TIMER6
O
Internal Precision Timer Clock 6 Synchronized. Pin D11 is a programmable output.
D12
CS
I
Address Bus Chip Select. The address bus is sampled on the falling edge of CS. A rising edge on
CS terminates the current read or write cycle.
E1
RESET
I
Reset. When Pin E1 is asserted low, all internal registers initialize and bus configuration pins
enable for sampling.
E2
LE
I
System Endianness. When Pin E2 is set high, the data format is little endian. When Pin E2 is set
low, the data format is big endian. The value is captured on the rising edge of RESET.
E3
SIZE_32
I
Data Bus Size. The data bus size is 32 bits when Pin E3 is set high and 16 bits when Pin E3 is set
low. The value is captured on the rising edge of RESET.
E10
TIMER5
O
Internal Precision Timer Clock 5 Synchronized. Pin E10 is a programmable output.
E11
TIMER4
O
Internal Precision Timer Clock 4 Synchronized. Pin E11 is a programmable output.
E12
TIMER3
I/O
Internal Precision Timer 3 Clock Synchronized. Pin E12 is a programmable output or input.
F2
MBS
I
Multiplex Bus Select. When Pin F2 is set high, the host interface bus operates as a multiplexed
bus. The host interface operates as a nonmultiplexed bus when Pin F2 is set low. The value is
captured on the rising edge of Pin E1, RESET.
F10
TIMER2
I/O
Internal Precision Timer Clock 2 Synchronized. Pin F10 is a programmable output or input.
F11
TIMER1
I/O
Internal Precision Timer Clock 1 Synchronized. Pin F11 is a programmable output or input.
F12
TIMER0
I/O
Internal Precision Timer Clock 0 Synchronized. Pin F12 is a programmable output or input.
G1
XTAL0
Clock Input. This pin has a frequency of 25 MHz.
G2
XTAL1
Output Pair for XTAL0. Pin G2 is required for use with a crystal clock source.
G3
VCC+1V2A
Analog 1.2 V Power Supply. This pin must be isolated from VCC+1V2.
G10
RMII_CLK
O
50 MHz Reduced Media Independent Interface (RMII) Transmit and Receive Clock Reference for
Port 1 and Port 2.
G11
CLKOUT
O
Output Clock. Pin G11 has the same frequency as XTAL0 (25 MHz).
G12
P2_ACTIVITY
O
Port 2 Activity LED Output Driver. The LED turns on when G12 is asserted low.
H10
P2_CRS
I
Port 2 Carrier Sense. When H10 is asserted high, a carrier has been sensed on Port 2.
H11
P2_COL
I
Port 2 Media Independent Interface (MII) Collision. Pin H11 asserting high indicates a collision on
Port 2.
H12
P2_LINK_STATUS
I
Port 2 Link Status from Physical Layer (PHY). When H12 is asserted low, the link on Port is active.
J1
P1_TXEN
O
Port 1 MII Transmit Enable. Setting Pin J1 high enables transmission on Port 1.
J2
P1_TXCLK
I
Port 1 MII Transmit Clock from PHY.
J3, J8, J9, K2, K3, K9, L10,
M2,
NC
N/A
No Connection.
J11
P2_RXDV
I
Port 2 Received Data Valid. Data from the Port 2 PHY is valid when J11 is asserted high (used as
CRS/RXDV in RMII mode).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com