Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FIDO5210BBCZ-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # FIDO5210BBCZ-R7
Description  Real-Time Ethernet Multiprotocol (REM) Switch
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

FIDO5210BBCZ-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button FIDO5210BBCZ-R7 Datasheet HTML 13Page - Analog Devices FIDO5210BBCZ-R7 Datasheet HTML 14Page - Analog Devices FIDO5210BBCZ-R7 Datasheet HTML 15Page - Analog Devices FIDO5210BBCZ-R7 Datasheet HTML 16Page - Analog Devices FIDO5210BBCZ-R7 Datasheet HTML 17Page - Analog Devices FIDO5210BBCZ-R7 Datasheet HTML 18Page - Analog Devices FIDO5210BBCZ-R7 Datasheet HTML 19Page - Analog Devices FIDO5210BBCZ-R7 Datasheet HTML 20Page - Analog Devices FIDO5210BBCZ-R7 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
Data Sheet
fido5100/fido5200
OUTLINE DIMENSIONS
©2017-2023 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
One Analog Way, Wilmington, MA 01887-2356, U.S.A.
Rev. G | 21 of 21
Figure 12. 144-Ball Chip Scale Package Ball Grid Array [CSP_BGA]
(BC-144-12)
Dimensions shown in millimeters
Updated: January 17, 2022
ORDERING GUIDE
Model1
Temperature Range
Package Description
Packing Quantity
Package
Option
FIDO5100BBCZ
-40°C to +85°C
144-Ball CSPBGA (10 mm x 10 mm x 1.24 mm)
BC-144-12
FIDO5100CBCZ
-40°C to +105°C
144-Ball CSPBGA (10 mm x 10 mm x 1.24 mm)
BC-144-12
FIDO5110BBCZ
-40°C to +85°C
144-Ball CSPBGA (10 mm x 10 mm x 1.24 mm)
BC-144-12
FIDO5110CBCZ
-40°C to +105°C
144-Ball CSPBGA (10 mm x 10 mm x 1.24 mm)
BC-144-12
FIDO5200BBCZ
-40°C to +85°C
144-Ball CSPBGA (10 mm x 10 mm x 1.24 mm)
BC-144-12
FIDO5200CBCZ
-40°C to +105°C
144-Ball CSPBGA (10 mm x 10 mm x 1.24 mm)
BC-144-12
FIDO5210BBCZ
-40°C to +85°C
144-Ball CSPBGA (10 mm x 10 mm x 1.24 mm)
BC-144-12
FIDO5210BBCZ-R7
-40°C to +85°C
144-Ball CSPBGA (10 mm x 10 mm x 1.24 mm)
Reel, 1500
BC-144-12
FIDO5210CBCZ
-40°C to +105°C
144-Ball CSPBGA (10 mm x 10 mm x 1.24 mm)
BC-144-12
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com