Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FIDO5210BBCZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # FIDO5210BBCZ-R7
Description  Real-Time Ethernet Multiprotocol (REM) Switch
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

FIDO5210BBCZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button FIDO5210BBCZ-R7 Datasheet HTML 11Page - Analog Devices FIDO5210BBCZ-R7 Datasheet HTML 12Page - Analog Devices FIDO5210BBCZ-R7 Datasheet HTML 13Page - Analog Devices FIDO5210BBCZ-R7 Datasheet HTML 14Page - Analog Devices FIDO5210BBCZ-R7 Datasheet HTML 15Page - Analog Devices FIDO5210BBCZ-R7 Datasheet HTML 16Page - Analog Devices FIDO5210BBCZ-R7 Datasheet HTML 17Page - Analog Devices FIDO5210BBCZ-R7 Datasheet HTML 18Page - Analog Devices FIDO5210BBCZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
Data Sheet
fido5100/fido5200
THEORY OF OPERATION
analog.com
Rev. G | 15 of 21
Address/Data Bus Operation
The host interface address/data bus connects to the address/ data
bus of the CPU. There are four bits of data for the address bus and
either 16 bits or 32 bits of data for the data bus. Each REM switch
address is 32-bit aligned, meaning that the addresses increment
by four bytes (A05 to A02). Regardless of whether the data bus
is 16 bits wide or 32 bits wide, the least significant address bit
supplied to the REM switch is always the same.
In addition, all accesses to indirect registers return the register data
in the lower 16 bits only (even if the interface is 32 bits wide). For
wider registers, such as a 64-bit timer, use a repeated set of reads
or writes to access the full content of the register.
Nonmultiplexed Address Data Bus
MBS = 0 selects the nonmultiplexed address data bus configura-
tion. The read and write cycle timings are defined in Figure 2
and Figure 3. See Table 2 for the read and write cycle timing
parameters.
Multiplexed Address Data Bus
MBS = 1 selects the multiplexed address data bus configuration.
The read and write cycle timings are defined in Figure 4 and Figure
5. See Table 3 for the read and write cycle timing parameters.
Register and Data Access
Four bits of address provide direct access to 16 registers. A read
cycle or a write cycle obtains or sets the data in these registers. To
access additional registers, use the host indirect address register.
The direct address register definitions are provided in Table 16.
The REM switch software driver provides the necessary application
programming interface (API) functions to access these registers
and manage all aspects of the switch for a specific protocol.
Ethernet packets are received and transmitted directly through the
Queue 0, Queue 1, Queue 2, and Queue 3 read and write registers,
depending on the protocol.
Ethernet protocol control and switch management are performed
by the software driver API through the host read/write queue data
registers and the host direct/indirect registers (refer to the UG-1285,
REM Switch Driver User Guide for more information about these
registers). Interrupt management is performed by the software
driver API using the three interrupt lines in conjunction with the
queue status register, timer status register, universal input/output
controller (UIC) interrupt status register, and the composite interrupt
status register.
Table 16. Direct Address Register Definitions
Register Name
Width
Address[5:0]
Read/Write1
Reset Value2
Queue 0 Read
16/32
0x00
R
0x00000000
Queue 0 Write
16/32
0x00
W
N/A
Queue 1 Read
16/32
0x04
R
0x00000000
Queue 1 Write
16/32
0x04
W
N/A
Queue 2 Read
16/32
0x08
R
0x00000000
Queue 2 Write
16/32
0x08
W
N/A
Queue 3 Read
16/32
0x0C
R
0x00000000
Queue 3 Write
16/32
0x0C
W
N/A
Reserved
N/A
0x10 to 0x14
N/A
Host Read Queue 0 Data
16/32
0x18
R
0x00000000
Host Read Queue 0 Data Head
16/32
0x18
W
0x00000000
Host Read Queue 1 Data
16/32
0x1C
R
0x00000000
Host Read Queue 1 Data Head
16/32
0x1C
W
N/A
Queue Status Register
16
0x20
R/W
0x00000F00
Timer Status Register
16
0x24
R/W
0x00000000
UIC Interrupt Status
16
0x28
R/W
0x0000
Composite Interrupt Status
16
0x2C
R
0x0000
Host Indirect Address
16
0x30
R/W
0x0000
Host Indirect Read Data
16
0x34
R
N/A
Host Indirect Write Data
16
0x34
W
N/A
Host Write Queue 0 Completion
16
0x38
R
0x0000
Host Write Queue 1 Completion
16
0x3C
R
0x0000
1 R means read only, W means write only, and R/W means read/write.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com