Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FIDO5210BBCZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # FIDO5210BBCZ-R7
Description  Real-Time Ethernet Multiprotocol (REM) Switch
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

FIDO5210BBCZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button FIDO5210BBCZ-R7 Datasheet HTML 3Page - Analog Devices FIDO5210BBCZ-R7 Datasheet HTML 4Page - Analog Devices FIDO5210BBCZ-R7 Datasheet HTML 5Page - Analog Devices FIDO5210BBCZ-R7 Datasheet HTML 6Page - Analog Devices FIDO5210BBCZ-R7 Datasheet HTML 7Page - Analog Devices FIDO5210BBCZ-R7 Datasheet HTML 8Page - Analog Devices FIDO5210BBCZ-R7 Datasheet HTML 9Page - Analog Devices FIDO5210BBCZ-R7 Datasheet HTML 10Page - Analog Devices FIDO5210BBCZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Data Sheet
fido5100/fido5200
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. G | 7 of 21
Table 4.
Parameter
Rating
Power Supply
Core Voltage and Periphery Circuitry
1.08 V to 1.32 V
I/O (VCC+3V3)
2.97 V to 3.63 V
PLL Analog
1.08 V to 1.32 V
DC Input Voltage
−0.5 V to +3.8 V
Operating Temperature Range (TA) Industrial
−40°C to +105°C
Storage Temperature (No Bias) Range
−65°C to +150°C
Electrostatic Discharge (ESD) Voltage, Human Body
Model
−2000 V to +2000 V
Lead Temperature (Soldering)
J-STD-020C1
Power Dissipation
172.6 mW
1 Compliant with JEDEC Standard J-STD-020C and restriction of hazardous
substances (RoHS), Directive 2002/95/EU.
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the product. This is a stress
rating only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum operat-
ing conditions for extended periods may affect product reliability.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Charged devi-
ces and circuit boards can discharge without detection. Although
this product features patented or proprietary protection circuitry,
damage may occur on devices subjected to high energy ESD.
Therefore, proper ESD precautions should be taken to avoid
performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com