Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FIDO5210BBCZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # FIDO5210BBCZ-R7
Description  Real-Time Ethernet Multiprotocol (REM) Switch
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

FIDO5210BBCZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button FIDO5210BBCZ-R7 Datasheet HTML 12Page - Analog Devices FIDO5210BBCZ-R7 Datasheet HTML 13Page - Analog Devices FIDO5210BBCZ-R7 Datasheet HTML 14Page - Analog Devices FIDO5210BBCZ-R7 Datasheet HTML 15Page - Analog Devices FIDO5210BBCZ-R7 Datasheet HTML 16Page - Analog Devices FIDO5210BBCZ-R7 Datasheet HTML 17Page - Analog Devices FIDO5210BBCZ-R7 Datasheet HTML 18Page - Analog Devices FIDO5210BBCZ-R7 Datasheet HTML 19Page - Analog Devices FIDO5210BBCZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
Data Sheet
fido5100/fido5200
THEORY OF OPERATION
analog.com
Rev. G | 16 of 21
2 N/A means not applicable.
Interrupts
Three interrupt lines are outputs from the REM switch; these three
lines are labeled INT0, INT1, and INT2. Each of these interrupt
lines must be mapped according to the interrupt inputs of the host
processor. To ensure the best protocol performance, give INT2 the
highest priority in the processor priority scheme, and do not disable
it.
The interrupt lines are mapped to the events defined by the queue
status register, timer status register, UIC interrupt status register,
and composite interrupt status register for each protocol. It is
the responsibility of the software driver API to provide the appropri-
ate interrupt service routine for the mapped event. Refer to the
UG-1285, REM Switch Driver User Guide, for technical details on
handling REM switch interrupts for a specific industrial Ethernet
protocol.
When an interrupt event defined in the appropriate status registers
occurs, the associated REM switch interrupt output line becomes
active (Logic 1) and remains active until the register is cleared.
If multiple events are mapped to the same REM switch interrupt
output, and more than one becomes active, the associated interrupt
line remains in the active (Logic 1) state until all active interrupt
source registers are cleared.
Note that although the interrupts, INT0, INT1, and INT2, are labeled
as priorities of low, medium, and high, there is not any inherent pri-
ority on the lines themselves, and they can be mapped accordingly.
ETHERNET INTERFACE
There are two Ethernet ports on the REM switch. Each port is
capable of configuration to support RMII or MII. Each port also has
an input for link status from the PHY and an output for a link activity
LED.
Connections
The pins associated specifically with the RMII and MII interfaces
are listed in Table 17; their full descriptions are defined in Table 5.
The RMII interface is a seven-signal interface for each port (see
Figure 9). This interface uses a 50 MHz reference clock (RMII_
CLK) provided by the REM switch to the PHY.
The MII interface is a 14-signal interface for each port (see Figure
10). The REM switch provides the base clock to the PHYs using
the synchronized 25 MHz CLKOUT signal. The PHYs then provide
a receive and transmit clock (RX_CLK and TX_CLK) for each port.
Link Status and Activity
The Px_LINK_STATUS signal is an input to the REM switch from
the selected PHY, configured so that the Px_LINK_STATUS signal
is asserted continuously (not blinking) and determines the link up or
link down state.
The Px_ACTIVITY signal is an output from the REM switch and is
typically used to drive an LED to indicate a link is valid.
Figure 9. REM Switch Configured for RMII Interface
Figure 10. REM Switch Configured for MII Interface
Table 17. Brief Descriptions for MII and RMII Pins
Pin No.
Mnemonic
Brief Description
G10
RMII_CLK
50 MHz RMII Transmit and Receive Clock for Port 1 and Port 2.
G11
CLKOUT
Output Clock.
G12
P2_ACTIVITY
Port 2 Activity LED Output Driver.
H10
P2_CRS
Port 2 Carrier Sense.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com