Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC28L92 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # SC28L92
Description  3.3V-5.0V Dual Universal Asynchronous Receiver/Transmitter DUART
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC28L92 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button SC28L92 Datasheet HTML 15Page - NXP Semiconductors SC28L92 Datasheet HTML 16Page - NXP Semiconductors SC28L92 Datasheet HTML 17Page - NXP Semiconductors SC28L92 Datasheet HTML 18Page - NXP Semiconductors SC28L92 Datasheet HTML 19Page - NXP Semiconductors SC28L92 Datasheet HTML 20Page - NXP Semiconductors SC28L92 Datasheet HTML 21Page - NXP Semiconductors SC28L92 Datasheet HTML 22Page - NXP Semiconductors SC28L92 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
Philips Semiconductors
Product specification
SC28L92
3.3V–5.0V Dual Universal Asynchronous
Receiver/Transmitter (DUART)
2000 Jan 21
19
status bits (see below) are ‘popped’ thus emptying a FIFO position
for new data.
A disabled receiver with data in its FIFO may generate an interrupt
(see “Receiver Status Bits”, below). Its status bits remain active and
its watchdog, if enabled, will continue to operate.
Receiver Status Bits
In addition to the data word, three status bits (parity error, framing
error, and received break) are also appended to each data character
in the FIFO. The overrun error, MR1(5), is not FIFOed.
Status can be provided in two ways, as programmed by the error
mode control bit in the mode register. In the ‘character’ mode, status
is provided on a character-by-character basis; the status applies
only to the character at the top of the FIFO. In the ‘block’ mode, the
status provided in the SR for these three bits is the logical-OR of the
status for all characters coming to the top of the FIFO since the last
‘reset error’ from the command register was issued. In either mode
reading the SR does not affect the FIFO. The FIFO is ‘popped’ only
when the RxFIFO is read. Therefore the status register should be
read prior to reading the FIFO.
If the FIFO is full when a new character is received, that character is
held in the receive shift register until a FIFO position is available. If
an additional character is received while this state exits, the
contents of the FIFO are not affected; the character previously in the
shift register is lost and the overrun error status bit (SR[4]) will be
set-upon receipt of the start bit of the new (overrunning) character.
The receiver can control the deactivation of RTS. If programmed to
operate in this mode, the RTSN output will be negated when a valid
start bit was received and the FIFO is full. When a FIFO position
becomes available, the RTSN output will be re-asserted (set low)
automatically. This feature can be used to prevent an overrun, in the
receiver, by connecting the RTSN output to the CTSN input of the
transmitting device.
If the receiver is disabled, the FIFO characters can be read.
However, no additional characters can be received until the receiver
is enabled again. If the receiver is reset, the FIFO and all of the
receiver status, and the corresponding output ports and interrupt are
reset. No additional characters can be received until the receiver is
enabled again.
Receiver Reset and Disable
Receiver disable stops the receiver immediately—data being
assembled in the receiver shift register is lost. Data and status in the
FIFO is preserved and may be read. A re-enable of the receiver
after a disable will cause the receiver to begin assembling
characters at the next start bit detected.
A receiver reset will discard the present shift register date, reset the
receiver ready bit (RxRDY), clear the status of the byte at the top of
the FIFO and re-align the FIFO read/write pointers.
Watchdog
A ‘watchdog timer’ is associated with each receiver. Its interrupt is
enabled by MR0[7]. The purpose of this timer is to alert the control
processor that characters are in the RxFIFO which have not been
read. This situation may occur at the end of a transmission when the
last few characters received are not sufficient to cause an interrupt.
This counter times out after 64 bit times. It is reset each time a
character is transferred from the receiver shift register to the
RxFIFO or a read of the RxFIFO is executed.
Receiver Time-out Mode
In addition to the watch dog timer described in the receiver section,
the counter/timer may be used for a similar function. Its
programmability, of course, allows much greater precision of time
out intervals.
The time-out mode uses the received data stream to control the
counter. Each time a received character is transferred from the shift
register to the RxFIFO, the counter is restarted. If a new character is
not received before the counter reaches zero count, the counter
ready bit is set, and an interrupt can be generated. This mode can
be used to indicate when data has been left in the RxFIFO for more
than the programmed time limit. Otherwise, if the receiver has been
programmed to interrupt the CPU when the receive FIFO is full, and
the message ends before the FIFO is full, the CPU may not know
there is data left in the FIFO. The CTU and CTL value would be
programmed for just over one character time, so that the CPU would
be interrupted as soon as it has stopped receiving continuous data.
This mode can also be used to indicate when the serial line has
been marking for longer than the programmed time limit. In this
case, the CPU has read all of the characters from the FIFO, but the
last character received has started the count. If there is no new data
during the programmed time interval, the counter ready bit will get
set, and an interrupt can be generated.
The time-out mode is enabled by writing the appropriate command
to the command register. Writing an ‘Ax’ to CRA or CRB will invoke
the time-out mode for that channel. Writing a ‘Cx’ to CRA or CRB
will disable the time-out mode. The time-out mode should only be
used by one channel at once, since it uses the C/T. If, however, the
time-out mode is enabled from both receivers, the time-out will occur
only when both receivers have stopped receiving data for the
time-out period. CTU and CTL must be loaded with a value greater
than the normal receive character period. The time-out mode
disables the regular START/STOP Counter commands and puts the
ca/T into counter mode under the control of the received data
stream. Each time a received character is transferred from the shift
register to the RxFIFO, the C/T is stopped after 1 C/T clock,
reloaded with the value in CTU and CTL and then restarted on the
next C/T clock. If the C/T is allowed to end the count before a new
character has been received, the counter ready bit, ISR[3], will be
set. If IMR[3] is set, this will generate an interrupt. Receiving a
character after the C/T has timed out will clear the counter ready bit,
ISR[3], and the interrupt. Invoking the ‘Set Time-out Mode On’
command, CRx = ‘Ax’, will also clear the counter ready bit and stop
the counter until the next character is received.
Time Out Mode Caution
When operating in the special time out mode, it is possible to
generate what appears to be a “false interrupt”, i.e., an interrupt
without a cause. This may result when a time-out interrupt occurs
and then, BEFORE the interrupt is serviced, another character is
received, i.e., the data stream has started again. (The interrupt
latency is longer than the pause in the data stream.) In this case,
when a new character has been receiver, the counter/timer will be
restarted by the receiver, thereby withdrawing its interrupt. If, at this
time, the interrupt service begins for the previously seen interrupt, a
read of the ISR will show the “Counter Ready” bit not set. If nothing
else is interrupting, this read of the ISR will return a x’00 character.
Multi-drop Mode (9-bit or Wake-Up)
The DUART is equipped with a wake up mode for multi-drop
applications. This mode is selected by programming bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com