Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC28L92 Datasheet(PDF) 31 Page - NXP Semiconductors

Part # SC28L92
Description  3.3V-5.0V Dual Universal Asynchronous Receiver/Transmitter DUART
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC28L92 Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button SC28L92 Datasheet HTML 27Page - NXP Semiconductors SC28L92 Datasheet HTML 28Page - NXP Semiconductors SC28L92 Datasheet HTML 29Page - NXP Semiconductors SC28L92 Datasheet HTML 30Page - NXP Semiconductors SC28L92 Datasheet HTML 31Page - NXP Semiconductors SC28L92 Datasheet HTML 32Page - NXP Semiconductors SC28L92 Datasheet HTML 33Page - NXP Semiconductors SC28L92 Datasheet HTML 34Page - NXP Semiconductors SC28L92 Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
Philips Semiconductors
Product specification
SC28L92
3.3V–5.0V Dual Universal Asynchronous
Receiver/Transmitter (DUART)
2000 Jan 21
31
SOPR—Set the Output Port Bits (OPR)
SOPR[7:0]—Ones in the byte written to this register will cause the corresponding bit positions in the OPR to set to 1. Zeros have no effect. This
allows software to set individual bits with our keeping a copy of the OPR bit configuration.
Addr
Bit 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
SOPR
OP 7
OP 6
OP 5
OP 4
OP 3
OP 2
OP 1
OP 0
0x0E
1=set bit
1=set bit
1=set bit
1=set bit
1=set bit
1=set bit
1=set bit
1=set bit
0 = no
change
0 = no
change
0 = no
change
0 = no
change
0 = no
change
0 = no
change
0 = no
change
0 = no
change
ROPR—Reset Output Port Bits (OPR)
ROPR[7:0]—Ones in the byte written to the ROPR will cause the corresponding bit positions in the OPR to set to 0. Zeros have no effect. This
allows software to reset individual bits with our keeping a copy of the OPR bit configuration.
Addr
Bit 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
ROPR
OP 7
OP 6
OP 5
OP 4
OP 3
OP 2
OP 1
OP 0
0x0F
1=reset bit
1=reset bit
1=reset bit
1=reset bit
1=reset bit
1=reset bit
1=reset bit
1=reset bit
0 = no
change
0 = no
change
0 = no
change
0 = no
change
0 = no
change
0 = no
change
0 = no
change
0 = no
change
OPR Output Port Register
The output pins (OP pins) drive the compliment of the data in this register as controlled by SOPR and ROPR.
Addr
Bit 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
N/A
OP 7
OP 6
OP 5
OP 4
OP 3
OP 2
OP 1
OP 0
N/A
0 = Pin High
0 = Pin High
0 = Pin High
0 = Pin High
0 = Pin High
0 = Pin High
0 = Pin High
0 = Pin High
1 = Pin Low
1 = Pin Low
1 = Pin Low
1 = Pin Low
1 = Pin Low
1 = Pin Low
1 = Pin Low
1 = Pin Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com