Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC28L92 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # SC28L92
Description  3.3V-5.0V Dual Universal Asynchronous Receiver/Transmitter DUART
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC28L92 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button SC28L92 Datasheet HTML 19Page - NXP Semiconductors SC28L92 Datasheet HTML 20Page - NXP Semiconductors SC28L92 Datasheet HTML 21Page - NXP Semiconductors SC28L92 Datasheet HTML 22Page - NXP Semiconductors SC28L92 Datasheet HTML 23Page - NXP Semiconductors SC28L92 Datasheet HTML 24Page - NXP Semiconductors SC28L92 Datasheet HTML 25Page - NXP Semiconductors SC28L92 Datasheet HTML 26Page - NXP Semiconductors SC28L92 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
Philips Semiconductors
Product specification
SC28L92
3.3V–5.0V Dual Universal Asynchronous
Receiver/Transmitter (DUART)
2000 Jan 21
23
For the receiver these bits control the number of FIFO positions
filled when the receiver will attempt to interrupt. After the reset the
receiver FIFO is empty. The default setting of these bits cause the
receiver to attempt to interrupt when it has one or more bytes in it.
MR0[5:4]—Tx interrupt fill level.
Table 4. Transmitter FIFO interrupt fill level
MR0(3) = 0 (8 bytes)
MR0[5:4]
Interrupt Condition
00
8 bytes empty (Tx EMPTY)
01
4 or more bytes empty
10
6 or more bytes empty
11
1 or more bytes empty (Tx RDY)
Table 4a. Transmitter FIFO interrupt fill
level MR0(3) = 1 (16 bytes)
MR0[5:4]
Interrupt Condition
00
16 bytes empty (Tx EMPTY)
01
8 or more bytes empty
10
12 or more bytes empty
11
1 or more bytes empty (Tx RDY)
For the transmitter these bits control the number of FIFO positions
empty when the transmitter will attempt to interrupt. After the reset
the transmit FIFO has 8 bytes empty. It will then attempt to interrupt
as soon as the transmitter is enabled. The default setting of the MR0
bits (5:4) condition the transmitter to attempt to interrupt only when it
is completely empty. As soon as one byte is loaded, it is no longer
empty and hence will withdraw its interrupt request.
MR0[3]—Selects the FIFO depth at 8 or 16 bytes. See Tables 3 and 4
MR0[2:0]—These bits are used to select one of the six baud rate
groups.
See Table 5 for the group organization.
000 Normal mode
001 Extended mode I
100 Extended mode II
Other combinations of MR2[2:0] should not be used
Note: MR0[3:0] are not used in channel B and should be set to 0.
MR1A Mode Register 1
Addr
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
MR1A/
MR1B
Rx CONTROLS
RTS
RxINT
BIT 1
ERROR
MODE
PARITY MODE
PARITY TYPE
BITS PER
CHARACTER
0x00
0x08
0 = No
1 = Yes
0 = RxRDY
1 = FFULL
0 = Char
1 = Block
00 = With Parity
01 = Force Parity
10 = No Parity
11 = Multi-drop Mode
0 = Even
1 = Odd
00 = 5
01 = 6
10 = 7
11 = 8
NOTE:
In block error mode, block error conditions must be cleared by using the error reset command (command 4x) or a receiver reset.
MR1A is accessed when the Channel A MR pointer points to MR1.
The pointer is set to MR1 by RESET or by a ‘set pointer’ command
applied via CR command 1. After reading or writing MR1A, the
pointer will point to MR2A.
MR1A[7]—Channel A Receiver Request-to-Send Control
(Flow Control)
This bit controls the deactivation of the RTSAN output (OP0) by the
receiver. This output is normally asserted by setting OPR[0] and
negated by resetting OPR[0]. Proper automatic operation of flow
control requires OPR[0] (channel A) or OPR[1] (channel B) to be set
to logical 1.
MR1A[7] = 1 causes RTSAN to be negated (OP0 is driven to a ‘1’
[VCC]) upon receipt of a valid start bit if the Channel A FIFO is full.
This is the beginning of the reception of the ninth byte. If the FIFO is
not read before the start of the tenth or 17th byte, an overrun
condition will occur and the tenth or 17th or 17th byte will be lost.
However, the bit in OPR[0] is not reset and RTSAN will be asserted
again when an empty FIFO position is available. This feature can be
used for flow control to prevent overrun in the receiver by using the
RTSAN output signal to control the CTSN input of the transmitting
device.
MR1[6]—Bit 1 of the receiver interrupt control. See description
under MR0[6].
MR1A[5]—Channel A Error Mode Select
This bit select the operating mode of the three FIFOed status bits
(FE, PE, received break) for Channel A. In the ‘character’ mode,
status is provided on a character-by-character basis; the status
applies only to the character at the top of the FIFO. In the ‘block’
mode, the status provided in the SR for these bits is the
accumulation (logical-OR) of the status for all characters coming to
the top of the FIFO since the last ‘reset error’ command for
Channel A was issued.
MR1A[4:3|—Channel A Parity Mode Select
If ‘with parity’ or ‘force parity’ is selected a parity bit is added to the
transmitted character and the receiver performs a parity check on
incoming data MR1A[4:3] = 11 selects Channel A to operate in the
special multi-drop mode described in the Operation section.
MR1A[2]—Channel A Parity Type Select
This bit selects the parity type (odd or even) if the ‘with parity’ mode
is programmed by MR1A[4:3], and the polarity of the forced parity bit
if the ‘force parity’ mode is programmed. It has no effect if the ‘no



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com