Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC28L92 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # SC28L92
Description  3.3V-5.0V Dual Universal Asynchronous Receiver/Transmitter DUART
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC28L92 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button SC28L92 Datasheet HTML 25Page - NXP Semiconductors SC28L92 Datasheet HTML 26Page - NXP Semiconductors SC28L92 Datasheet HTML 27Page - NXP Semiconductors SC28L92 Datasheet HTML 28Page - NXP Semiconductors SC28L92 Datasheet HTML 29Page - NXP Semiconductors SC28L92 Datasheet HTML 30Page - NXP Semiconductors SC28L92 Datasheet HTML 31Page - NXP Semiconductors SC28L92 Datasheet HTML 32Page - NXP Semiconductors SC28L92 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
Philips Semiconductors
Product specification
SC28L92
3.3V–5.0V Dual Universal Asynchronous
Receiver/Transmitter (DUART)
2000 Jan 21
29
CRA[1]—Disable Channel A Receiver
This command terminates operation of the receiver immediately—a
character being received will be lost. The command has no effect on
the receiver status bits or any other control registers. If the special
multi-drop mode is programmed, the receiver operates even if it is
disabled. See Operation section.
CRA[0]—Enable Channel A Receiver
Enables operation of the Channel A receiver. If not in the special
wakeup mode, this also forces the receiver into the search for
start-bit state.
CRB—Channel B Command Register
CRB is a register used to supply commands to Channel B. Multiple
commands can be specified in a single write to CRB as long as the
commands are non-conflicting, e.g., the ‘enable transmitter’ and
‘reset transmitter’ commands cannot be specified in a single
command word.
The bit definitions for this register are identical to the bit definitions
for CRA, with the exception of commands “Ex” and “Fx” which are
used for power down mode. These two commands are not used in
CRB. All other control actions that apply to CRA also apply to CRB.
SR STATUS REGISTER Channel A Status Register
Addr
Bit 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
SRA/B
RECEIVED
BREAK
*
FRAMING
ERROR
*
PARITY
ERROR
*
OVERRUN
ERROR
TxEMT
TxRDY
FFULL
RxRDY
0x01
0x09
0 = No
1 = Yes
0 = No
1 = Yes
0 = No
1 = Yes
0 = No
1 = Yes
0 = No
1 = Yes
0 = No
1 = Yes
0 = No
1 = Yes
0 = No
1 = Yes
*These status bits are appended to the corresponding data character in the receive FIFO. A read of the status provides these bits (7:5) from the
top of the FIFO together with bits (4:0). These bits are cleared by a “reset error status” command. In character mode they are discarded when
the corresponding data character is read from the FIFO. In block error mode, the error-reset command (command 4x or receiver reset )must
used to clear block error conditions
SRA[7]—Channel A Received Break This bit indicates that an all
zero character of the programmed length has been received without
a stop bit. Only a single FIFO position is occupied when a break is
received: further entries to the FIFO are inhibited until the RxDA line
returns to the marking state for at least one-half a bit time two
successive edges of the internal or external 1X clock. This will
usually require a high time of one X1 clock period or 3 X1
edges since the clock of the controller is not synchronous to
the X1 clock.
When this bit is set, the Channel A ‘change in break’ bit in the ISR
(ISR[2]) is set. ISR[2] is also set when the end of the break
condition, as defined above, is detected.
The break detect circuitry can detect breaks that originate in the
middle of a received character. However, if a break begins in the
middle of a character, it must persist until at least the end of the next
character time in order for it to be detected.
This bit is reset by command 4 (0100) written to the command
register or by receiver reset.
SRA[6]—Channel A Framing Error
This bit, when set, indicates that a stop bit was not detected (not a
logical 1) when the corresponding data character in the FIFO was
received. The stop bit check is made in the middle of the first stop bit
position.
SRA[5]—Channel A Parity Error
This bit is set when the ‘with parity’ or ‘force parity’ mode is
programmed and the corresponding character in the FIFO was
received with incorrect parity.
In the special multi-drop mode the parity error bit stores the receive
A/D (Address/Data) bit.
SRA[4]—Channel A Overrun Error
This bit, when set, indicates that one or more characters in the
received data stream have been lost. It is set upon receipt of a new
character when the FIFO is full and a character is already in the
receive shift register waiting for an empty FIFO position. When this
occurs, the character in the receive shift register (and its break
detect, parity error and framing error status, if any) is lost.
This bit is cleared by a ‘reset error status’ command.
SRA[3]—Channel A Transmitter Empty (TxEMTA)
This bit will be set when the transmitter under runs, i.e., both the
TxEMT and TxRDY bits are set. This bit and TxRDY are set when
the transmitter is first enabled and at any time it is re-enabled after
either (a) reset, or (b) the transmitter has assumed the disabled
state. It is always set after transmission of the last stop bit of a
character if no character is in the THR awaiting transmission.
It is reset when the THR is loaded by the CPU, a pending
transmitter disable is executed, the transmitter is reset, or the
transmitter is disabled while in the under run condition.
SRA[2]—Channel A Transmitter Ready (TxRDYA)
This bit, when set, indicates that the transmit FIFO is not full and
ready to be loaded with another character. This bit is cleared when
the transmit FIFO is loaded by the CPU and there are (after this
load) no more empty locations in the FIFO. It is set when a
character is transferred to the transmit shift register. TxRDYA is
reset when the transmitter is disabled and is set when the
transmitter is first enabled. Characters loaded to the TxFIFO while
this bit is 0 will be lost. This bit has different meaning from ISR[0].
SRA[1]—Channel A FIFO Full (FFULLA)
This bit is set when a character is transferred from the receive shift
register to the receive FIFO and the transfer causes the FIFO to
become full, i.e., all eight (or 16) FIFO positions are occupied. It is
reset when the CPU reads the receive FIFO. If a character is waiting
in the receive shift register because the FIFO is full, FFULLA will not
be reset when the CPU reads the receive FIFO. This bit has
different meaning from ISR1 when MR1 6 is programmed to a ‘1’.
SRA[0]—Channel A Receiver Ready (RxRDYA)
This bit indicates that a character has been received and is waiting
in the FIFO to be read by the CPU. It is set when the character is
transferred from the receive shift register to the FIFO and reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com