Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC28L92 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # SC28L92
Description  3.3V-5.0V Dual Universal Asynchronous Receiver/Transmitter DUART
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC28L92 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button SC28L92 Datasheet HTML 17Page - NXP Semiconductors SC28L92 Datasheet HTML 18Page - NXP Semiconductors SC28L92 Datasheet HTML 19Page - NXP Semiconductors SC28L92 Datasheet HTML 20Page - NXP Semiconductors SC28L92 Datasheet HTML 21Page - NXP Semiconductors SC28L92 Datasheet HTML 22Page - NXP Semiconductors SC28L92 Datasheet HTML 23Page - NXP Semiconductors SC28L92 Datasheet HTML 24Page - NXP Semiconductors SC28L92 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
Philips Semiconductors
Product specification
SC28L92
3.3V–5.0V Dual Universal Asynchronous
Receiver/Transmitter (DUART)
2000 Jan 21
21
The following named registers are the same for
Channels A and B
Mode Register
MRnA
MRnB
R/W
Status Register
SRA
SRB
R only
Clock Select
CSRA
CSRB
W only
Command Register
CRA
CRB
W only
Receiver FIFO
RxFIFOA
RxFIFOB
R only
Transmitter FIFO
TxFIFOA
TxFIFOB
W only
These are support functions for both Channels
Input Port Change Register
IPCR
R
Auxiliary Control Register
ACR
W
Interrupt Status Register
ISR
R
Interrupt Mask Register
IMR
W
Counter Timer Upper Value
CTU
R
Counter Timer Lower Value
CTL
R
Counter Timer Preset Upper
CTPU
W
Counter Timer Preset Lower
CTPL
W
Input Port Register
IPR
R
Output Configuration Register
OPCR
W
Set Output Port
Bits
W
Reset Output Port
Bits
W
Interrupt vector or GP register
IVR/GP
R/W
Table 2. Condensed Register bit formats
MR0 – MODE REGISTER 0
Bit 7
BIT 6
BIT 5BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
WATCHDOG
RxINT BIT 2
TxINT (1:0)
FIFO SIZE
BAUD RATE
EXTENDED II
TEST 2
BAUD RATE
EXTENDED 1
MR1 – MODE REGISTER 1
Bit 7
Bit 6
Bit 5
Bit 4:3
Bit 2
Bit 1:0
RxRTS Control
RxINT BIT 1
Error Mode
Parity Mode
Parity Type
Bits per Character
MR2 – MODE REGISTER 2
Bits 7:6
Bit 5
Bit 4
Bit 3:0
Channel Mode
TxRTS Control
CTSN Enable Tx
Stop Bit Length
CSR – CLOCK SELECT REGISTER
Bits 7:4
Bits 3:0
Receiver Clock,Select Code
Transmitter Clock select code,
CR –COMMAND REGISTER
Bits 7:4
Bit 3
Bit 2
Bit 1
Bit 0
Channel Command codes
Disable Tx
Enable Tx
Enable Tx
Enable Rx
SR – CHANNEL STATUS REGISTER
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Received Break
Framing Error
Parity Error
Overrun Error
TxEMT
TxRDY
RxFULL
RxRDY
IMR – INTERRUPT MASK REGISTER (ENABLES INTERRUPTS)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Change Input
Port
Change Break B
RxRDY B
TxRDTYB
Counter Ready
Change Break A
RxRDY A
TxRDY A
ISR – INTERRUPT STATUS REGISTER
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Change Input
Port
Change Break B
RxRDY B
TxRDTYB
Counter Ready
Change Break A
RxRDY A
TxRDY A
CTPU
– COUNTER TIMER PRESET REGISTERS, UPPER
Bits 7:0
8 MSB of the BRG Timer divisor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com