Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC28L92 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SC28L92
Description  3.3V-5.0V Dual Universal Asynchronous Receiver/Transmitter DUART
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC28L92 Datasheet(HTML) 4 Page - NXP Semiconductors

  SC28L92 Datasheet HTML 1Page - NXP Semiconductors SC28L92 Datasheet HTML 2Page - NXP Semiconductors SC28L92 Datasheet HTML 3Page - NXP Semiconductors SC28L92 Datasheet HTML 4Page - NXP Semiconductors SC28L92 Datasheet HTML 5Page - NXP Semiconductors SC28L92 Datasheet HTML 6Page - NXP Semiconductors SC28L92 Datasheet HTML 7Page - NXP Semiconductors SC28L92 Datasheet HTML 8Page - NXP Semiconductors SC28L92 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
Philips Semiconductors
Product specification
SC28L92
3.3V–5.0V Dual Universal Asynchronous
Receiver/Transmitter (DUART)
2000 Jan 21
4
PIN CONFIGURATION DIAGRAM
80XXX PIN CONFIGURATION
Pin
Function
1A3
2
IP0
3
WRN
4
RDN
5
RxDB
6
TxDB
7
OP1
8
OP3
9
OP5
10
OP7
11
I/M
12
D1
13
D3
14
D5
15
D7
Pin
Function
16
GND
17
GND
18
INTRN
19
D6
20
D4
21
D2
22
D0
23
NC
24
OP6
25
OP4
26
OP2
27
OP0
28
TxDA
29
RxDA
30
x1/clk
Pin
Function
31
x2
32
RESET
33
CEN
34
IP2
35
IP6
36
IP5
37
IP4
38
VCC
39
VCC
40
A0
41
IP3
42
A1
43
IP1
44
A2
PQFP
44
34
1
11
33
23
12
22
SD00671
1
39
17
28
40
29
18
7
PLCC
6
SD00672
Pin
Function
1NC
2A0
3
IP3
4A1
5
IP1
6A2
7A3
8
IP0
9
WRN
10
RDN
11
RxDB
12
I/M
13
TxDB
14
OP1
15
OP3
Pin
Function
16
OP5
17
OP7
18
D1
19
D3
20
D5
21
D7
22
VSS
23
NC
24
INTRN
25
D6
26
D4
27
D2
28
D0
29
OP6
30
OP4
Pin
Function
31
OP2
32
OP0
33
TxDA
34
NC
35
RxDA
36
X1/CLK
37
X2
38
RESET
39
CEN
40
IP2
41
IP6
42
IP5
43
IP4
44
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com