Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC28L92 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # SC28L92
Description  3.3V-5.0V Dual Universal Asynchronous Receiver/Transmitter DUART
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC28L92 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button SC28L92 Datasheet HTML 18Page - NXP Semiconductors SC28L92 Datasheet HTML 19Page - NXP Semiconductors SC28L92 Datasheet HTML 20Page - NXP Semiconductors SC28L92 Datasheet HTML 21Page - NXP Semiconductors SC28L92 Datasheet HTML 22Page - NXP Semiconductors SC28L92 Datasheet HTML 23Page - NXP Semiconductors SC28L92 Datasheet HTML 24Page - NXP Semiconductors SC28L92 Datasheet HTML 25Page - NXP Semiconductors SC28L92 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
Philips Semiconductors
Product specification
SC28L92
3.3V–5.0V Dual Universal Asynchronous
Receiver/Transmitter (DUART)
2000 Jan 21
22
CTPL
– COUNTER TIMER PRESET REGISTER, LOWER
Bits 7:0
8 LSB of the BRG Timer divisor.
ACR
– AUXILIARY CONTROL REGISTER AND CHANGE OF STATE CONTROL
Bit 7
Bit 6:4
Bit 3
Bit 2
Bit 1
Bit 0
Baud Group
Counter Timer mode and clock select
Enable IP3
Enable IP2
Enable IP1
Enable IP0
IPCR
– INPUT PORT CHANGE REGISTER
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Delta IP3
Delta IP2
Delta IP1
Delta IP0
State of IP3
State of IP2
State of IP1
State of IP0
IPR
– INPUT PORT REGISTER
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
State of IP
State of IP 6
State of IP 5
State of IP 4
State of IP 3
State of IP 2
State of IP1
State of IP 0
SOPR – SET THE OUTPUT PORT BITS (OPR)
Bit 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
Set OP 7
Set OP 6
Set OP 5
Set OP 4
Set OP 3
Set OP 2
Set OP 1
Set OP 0
ROPR – RESET OUTPUT PORT BITS (OPR)
Bit 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
Reset OP 7
Reset OP 6
Reset OP 5
Reset OP 4
Reset OP 3
Reset OP 2
Reset OP 1
Reset OP 0
OPCR OUTPUT PORT CONFIGURATION REGISTER (NOTE OP1 AND OP0 ARE THE RTSN OUTPUT AND
ARE CONTROLLED BY THE MR REGISTER)
Bit 7
BIT 6
BIT 5
BIT 4
BIT(3:2)
BIT(1:0)
Configure OP7
Configure OP6
Configure OP5
Configure OP4
Configure OP3
Configure OP2
REGISTER DESCRIPTIONS Mode Registers
MR0A Mode Register 0. MR0 is accessed by setting the MR pointer to 0 via the command register command B.
Addr
Bit 7
BIT 6
BITS 5:4
BIT 3
BIT 2
BIT 1
BIT 0
MR0A/
MR0B
Rx
WATCHDOG
RxINT BIT 2
TxINT (1:0)
FIFO SIZE
BAUD RATE
EXTENDED II
TEST 2
BAUD RATE
EXTENDED 1
0x00
0x08
0 = Disable
1 = Enable
See Tables in
MR0
description
See Table 4
0 = 8 byte FIFO
1 = 16 byte FIFO
0 = Normal
1 = Extend II
Set to 0
0 = Normal
1 = Extend
MR0[7]—This bit controls the receiver watch dog timer. 0 = disable,
1 = enable. When enabled, the watch dog timer will generate a
receiver interrupt if the receiver FIFO has not been accessed within
64 bit times of the receiver 1X clock. This is used to alert the control
processor that data is in the RxFIFO that has not been read. This
situation may occur when the byte count of the last part of a
message is not large enough to generate an interrupt.
MR0[6]—Bit 2 of receiver FIFO interrupt level. This bit along with Bit
6 of MR1 sets the fill level of the FIFO that generates the receiver
interrupt.
MR0[6] MR1[6] Note that this control is split between MR0 and
MR1. This is for backward compatibility to the SC2692 and
SCN2681.
Table 3. Receiver FIFO interrupt fill level
(MR0(3) = 0 (8 bytes)
MR0[6] MR1[6]
Interrupt Condition
00
1 or more bytes in FIFO (Rx RDY)
01
3 or more bytes in FIFO
10
6 or more bytes in FIFO
11
8 bytes in FIFO (Rx FULL)
Table 3a. Receiver FIFO interrupt fill
level(MR0(3)=1 (16 bytes)
MR0[6] MR1[6]
Interrupt Condition
00
1 or more bytes in FIFO (Rx RDY)
01
8 or more bytes in FIFO
10
12 or more bytes in FIFO
11
16 bytes in FIFO (Rx FULL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com