Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC28L92 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # SC28L92
Description  3.3V-5.0V Dual Universal Asynchronous Receiver/Transmitter DUART
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC28L92 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button SC28L92 Datasheet HTML 24Page - NXP Semiconductors SC28L92 Datasheet HTML 25Page - NXP Semiconductors SC28L92 Datasheet HTML 26Page - NXP Semiconductors SC28L92 Datasheet HTML 27Page - NXP Semiconductors SC28L92 Datasheet HTML 28Page - NXP Semiconductors SC28L92 Datasheet HTML 29Page - NXP Semiconductors SC28L92 Datasheet HTML 30Page - NXP Semiconductors SC28L92 Datasheet HTML 31Page - NXP Semiconductors SC28L92 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
Philips Semiconductors
Product specification
SC28L92
3.3V–5.0V Dual Universal Asynchronous
Receiver/Transmitter (DUART)
2000 Jan 21
28
CRA—Channel A Command Register
CRA is a register used to supply commands to Channel A. Multiple commands can be specified in a single write to CRA as long as the
commands are non-conflicting, e.g., the ‘enable transmitter’ and ‘reset transmitter’ commands cannot be specified in a single command word.
CR COMMAND REGISTER
Addr
Bit 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
CRA/B
MISCELLANEOUS COMMANDS
Disable Tx
Enable Tx
Disable Rx
Enable Rx
0x02
0x0A
See Text of Channel Command Register
1 = Yes
0 = No
1 = Yes
0 = No
1 = Yes
0 = No
1 = Yes
0 = No
NOTES:
Access to the miscellaneous commands should be separated by 3 X1 clock edges. A disabled transmitter cannot be loaded.
CRA[7:4]—Miscellaneous Commands
Execution of the commands in the upper four bits of this register
must be separated by 3 X1 clock edges. Other reads or writes
(including writes tot he lower four bits) may be inserted to achieve
this separation.
CRA[7:4]—Commands
0000
No command.
0001
Reset MR pointer. Causes the Channel A MR pointer to
point to MR1.
0010
Reset receiver. Resets the Channel A receiver as if a
hardware reset had been applied. The receiver is
disabled and the FIFO is flushed.
0011
Reset transmitter. Resets the Channel A transmitter as
if a hardware reset had been applied.
0100
Reset error status. Clears the Channel A Received
Break, Parity Error, and Overrun Error bits in the status
register (SRA[7:4]). Used in character mode to clear OE
status (although RB, PE and FE bits will also be
cleared) and in block mode to clear all error status after
a block of data has been received.
0101
Reset Channel A break change interrupt. Causes the
Channel A break detect change bit in the interrupt
status register (ISR[2]) to be cleared to zero
0110
Start break. Forces the TxDA output Low (spacing). If
the transmitter is empty the start of the break condition
will be delayed up to two bit times. If the transmitter is
active the break begins when transmission of the
character is completed. If a character is in the TxFIFO,
the start of the break will be delayed until that character,
or any other loaded subsequently are transmitted. The
transmitter must be enabled for this command to be
accepted.
0111
Stop break. The TxDA line will go High (marking) within
two bit times. TxDA will remain High for one bit time
before the next character, if any, is transmitted.
1000
Assert RTSN. Causes the RTSN output to be asserted
(Low).
1001
Negate RTSN. Causes the RTSN output to be negated
(High)
1010
Set Timeout Mode On. The receiver in this channel will
restart the C/T as each receive character is transferred
from the shift register to the RxFIFO. The C/T is placed
in the counter mode, the START/STOP counter
commands are disabled, the counter is stopped, and
the Counter Ready Bit, ISR[3], is reset. (See also
Watchdog timer description in the receiver section.)
1011
Set MR pointer to ‘0’
1100
Disable Timeout Mode. This command returns control
of the C/T to the regular START/STOP counter
commands. It does not stop the counter, or clear any
pending interrupts. After disabling the timeout mode, a
‘Stop Counter’ command should be issued to force a
reset of the ISR(3) bit
1101
Not used.
1110
Power Down Mode On. In this mode, the DUART
oscillator is stopped and all functions requiring this
clock are suspended. The execution of commands
other than disable power down mode (1111) requires a
X1/CLK. While in the power down mode, do not issue
any commands to the CR except the disable power
down mode command. The contents of all registers will
be saved while in this mode. . It is recommended that
the transmitter and receiver be disabled prior to placing
the DUART into power down mode. This command is in
CRA only.
1111
Disable Power Down Mode. This command restarts the
oscillator. After invoking this command, wait for the
oscillator to start up before writing further commands to
the CR. This command is in CRA only. For maximum
power reduction input pins should be at VSS or VDD.
CRA[3]—Disable Channel A Transmitter
This command terminates transmitter operation and reset the
TxDRY and TxEMT status bits. However, if a character is being
transmitted or if a character is in the TxFIFO when the transmitter is
disabled, the transmission of the character(s) is completed before
assuming the inactive state.
CRA[2]—Enable Channel A Transmitter
Enables operation of the Channel A transmitter. The TxRDY and
TxEMT status bits will be asserted if the transmitter is idle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com