Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC28L92 Datasheet(PDF) 34 Page - NXP Semiconductors

Part # SC28L92
Description  3.3V-5.0V Dual Universal Asynchronous Receiver/Transmitter DUART
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC28L92 Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button SC28L92 Datasheet HTML 30Page - NXP Semiconductors SC28L92 Datasheet HTML 31Page - NXP Semiconductors SC28L92 Datasheet HTML 32Page - NXP Semiconductors SC28L92 Datasheet HTML 33Page - NXP Semiconductors SC28L92 Datasheet HTML 34Page - NXP Semiconductors SC28L92 Datasheet HTML 35Page - NXP Semiconductors SC28L92 Datasheet HTML 36Page - NXP Semiconductors SC28L92 Datasheet HTML 37Page - NXP Semiconductors SC28L92 Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
Philips Semiconductors
Product specification
SC28L92
3.3V–5.0V Dual Universal Asynchronous
Receiver/Transmitter (DUART)
2000 Jan 21
34
IVR/GP – Interrupt Vector Register (68XXX mode) or General Purpose register (80XXX mode)
IVR/GP
Bit 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
0x0C
Interrupt Vector Register (68XXX mode) or General Purpose register (80XXX mode)
This register stores the Interrupt Vector. It is initialized to 0x0F on hardware reset and is usually changed from this value during initialization of
the SC26L92. The contents of this register will be placed on the data bus when IACKN is asserted low or a read of address 0xC is performed.
When not operating in the 68XXX mode, this register may be used as a general purpose one byte storage register. A convenient use could be to
store a “shadow” of the contents of another SC28L92 register (IMR, for example).
CTPU and CTPL – Counter/Timer Registers
CTPU COUNTER TIMER PRESET UPPER
CTPU
Bit 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
0x06
The lower eight (8) bits for the 16 bit counter timer preset register
CTPL COUNTER -TIMER PRESET LOW
CTPL
Bit 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
0x07
The Upper eight (8) bits for the 16 bit counter timer preset register
The CTPU and CTPL hold the eight MSBs and eight LSBs,
respectively, of the value to be used by the counter/timer in either
the counter or timer modes of operation. The minimum value which
may be loaded into the CTPU/CTPL registers is H‘0002’. Note that
these registers are write-only and cannot be read by the CPU.
In the timer mode, the C/T generates a square wave whose period is
twice the value (in C/T clock periods) of the CTPU and CTPL. The
waveform so generated is often used for a data clock. The formula
for calculating the divisor n to load to the CTPU and CTPL for a
particular 1X data clock is shown below.
n = (C/T Clock Frequency) divided by (2 x 16 x Baud rate desired)
Often this division will result in a non-integer number; 26.3, for
example. One can only program integer numbers in a digital divider.
Therefore, 26 would be chosen. This gives a baud rate error of
0.3/26.3 which is 1.14%; well within the ability asynchronous mode
of operation.
The C/T will not be running until it receives an initial ‘Start Counter’
command (read at address A3–A0 = 1110). After this, while in timer
mode, the C/T will run continuously. Receipt of a start counter
command (read with A3–A0 = 1110) causes the counter to terminate
the current timing cycle and to begin a new cycle using the values in
CTPU and CTPL. If the value in CTPU and CTPL is changed, the
current half-period will not be affected, but subsequent half periods
will be affected.
The counter ready status bit (ISR[3]) is set once each cycle of the
square wave. The bit is reset by a stop counter command (read with
A3–A0 = H’F’). The command however, does not stop the C/T. The
generated square wave is output on OP3 if it is programmed to be
the C/T output. In the counter mode, the value C/T loaded into
CTPU and CTPL by the CPU is counted down to 0.. Counting
begins upon receipt of a start counter command. Upon reaching
terminal count 0x0000, the counter ready interrupt bit (ISR[3]) is set.
The counter continues counting past the terminal count until stopped
by the CPU. If OP3 is programmed to be the output of the C/T, the
output remains High until terminal count is reached, at which time it
goes Low. The output returns to the High state and ISR[3] is cleared
when the counter is stopped by a stop counter command. The CPU
may change the values of CTPU and CTPL at any time, but the new
count becomes effective only on the next start counter commands. If
new values have not been loaded, the previous count values are
preserved and used for the next count cycle.
In the counter mode, the current value of the upper and lower 8 bits
of the counter (CTU, CTL) may be read by the CPU. It is
recommended that the counter be stopped when reading to prevent
potential problems which may occur if a carry from the lower 8 bits
to the upper 8 bits occurs between the times that both halves of the
counter are read. However, note that a subsequent start counter
command will cause the counter to begin a new count cycle using
the values in CTPU and CTPL.
When the C/T clock divided by 16 is selected, the maximum divisor
becomes 1,048,575.
Output Port Notes
The output ports are controlled from four places: the OPCR
register,the OPR register, the MR registers and the command
register (except the 2681 and 68681) The OPCR register controls
the source of the data for the output ports OP2 through OP7. The
data source for output ports OP0 and OP1 is controlled by the MR
and CR registers. When the OPR is the source of the data for the
output ports, the data at the ports is inverted from that in the OPR
register.
The content of the OPR register is controlled by the “Set Output Port
Bits Command” and the “Reset Output Bits Command”. These
commands are at E and F, respectively. When these commands are
used, action takes place only at the bit locations where ones exist.
For example, a one in bit location 5 of the data word used with the
“Set Output Port Bits” command will result in OPR5 being set to one.
The OP5 would then be set to zero (V SS ). Similarly, a one in bit
position 5 of the data word associated with the “Reset Output Ports
Bits” command would set OPR5 to zero and, hence, the pin OP5 to
a one (VDD).
The CTS, RTS, CTS Enable Tx signals
CTS (Clear To Send) is usually meant to be a signal to the
transmitter meaning that it may transmit data to the receiver. The
CTS input is on pin IP0 for TxA and on IP1 for TxB. The CTS signal
is active low; thus, it is called CTSAN for TxA and CTSBN for TxB.
RTS is usually meant to be a signal from the receiver indicating that
the receiver is ready to receive data. It is also active low and is,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com