Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBT-90-RX Datasheet(PDF) 3 Page - Luminus, Inc

Part # CBT-90-RX
Description  Thermally Enhanced LED Package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc

CBT-90-RX Datasheet(HTML) 3 Page - Luminus, Inc

  CBT-90-RX Datasheet HTML 1Page - Luminus, Inc CBT-90-RX Datasheet HTML 2Page - Luminus, Inc CBT-90-RX Datasheet HTML 3Page - Luminus, Inc CBT-90-RX Datasheet HTML 4Page - Luminus, Inc CBT-90-RX Datasheet HTML 5Page - Luminus, Inc CBT-90-RX Datasheet HTML 6Page - Luminus, Inc CBT-90-RX Datasheet HTML 7Page - Luminus, Inc CBT-90-RX Datasheet HTML 8Page - Luminus, Inc CBT-90-RX Datasheet HTML 9Page - Luminus, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Color
Luminous Flux
Wavelength Bins
Ordering Part Number
Min. Flux/ Power Bin
Min. Flux/ Power
Red
BM
770 lm
R2, R3, R4, R5, R6
CBT-90-RX-L15-BM100
R3, R4, R5
CBT-90-RX-L15-BM101
BN
970 lm
R2, R3, R4, R5, R6
CBT-90-RX-L15-BN100
R3,R4,R5
CBT-90-RX-L15-BN101
Blue
G
8.30 W
445,450,455,460,465
CBT-90-B-L11-G100
450,455,460
CBT-90-B-L11-G101
H
9.10 W
445,450,455,460,465
CBT-90-B-L11-H100
450,455,460
CBT-90-B-L11-H101
J
10.0 W
445,450,455,460,465
CBT-90-B-L11-J100
450,455,460
CBT-90-B-L11-J101
Ordering Part Numbers
Part Number Nomenclature
Product Family
Chip Area
Color
Package Configuration
Bin Kit1
CBT: Copper-core
PCB, no encap-
sulation
90: 9 mm2
RX = Red
B = Blue
L15: 28 mm x 26.75 mm - Common
Cathode Package
L11: 28 mm x 26.75 mm - Common
Anode Package
See Mechanical Drawing section
Refer to ordering
part numbers in this
document
CBT
90
CC
L##
<Bin kit>
3
PDS-002547 Rev08
© 2022 Luminus Devices, Inc . - All Rights Reserved
Luminus Devices, Inc. • T 408.708.7000 • www.luminus.com
1145 Sonora Court • Sunnyvale, CA 94086
Note 1: Flux Bin listed is minimum bin shipped, higher bins may be included at Luminus’discretion.
CBT-90-RX/BTE
Product Datasheet
Ordering Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com