Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBT-90-RX Datasheet(PDF) 7 Page - Luminus, Inc

Part # CBT-90-RX
Description  Thermally Enhanced LED Package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc

CBT-90-RX Datasheet(HTML) 7 Page - Luminus, Inc

Back Button CBT-90-RX Datasheet HTML 3Page - Luminus, Inc CBT-90-RX Datasheet HTML 4Page - Luminus, Inc CBT-90-RX Datasheet HTML 5Page - Luminus, Inc CBT-90-RX Datasheet HTML 6Page - Luminus, Inc CBT-90-RX Datasheet HTML 7Page - Luminus, Inc CBT-90-RX Datasheet HTML 8Page - Luminus, Inc CBT-90-RX Datasheet HTML 9Page - Luminus, Inc CBT-90-RX Datasheet HTML 10Page - Luminus, Inc CBT-90-RX Datasheet HTML 11Page - Luminus, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Absolute Maximum Ratings
Symbol
Red
Blue
Unit
Absolute Minimum Current (CW or Pulsed)8,9
0.2
0.2
A
Absolute Maximum Current (CW) 10
27
27
A
Absolute Maximum Surge Current 10,
(Frequency > 240 Hz, duty cycle =10%, t=1ms)
31.5
31.5
A
Absolute Maximum Junction Temperature 10
Tjmax
125
150
ºC
Storage Temperature Range
-40/+100
-40/+100
ºC
Note 1: All ratings are based on operation with a constant heat sink temperature Ths =40ºC. See Thermal Resistance section for Ths definition.
Note 2: CBT-90-RX/B device can be driven at currents ranging from 200mA to 27A and at duty cycles ranging from 1% to 100%. Drive current and duty cycle
should be adjusted as necessary to maintain the junction temperature desired to meet application lifetime requirements.I n pulsed operation, rise
time from 10-90% of forward current should be larger than 0.5 microseconds.
Note 3: Tested at Current Density of 1.5 A/mm2.
Note 4: Unless otherwise noted, values listed are typical. Devices are production tested and specified at 13.5 A.
Note 5: Total flux from emitting area at listed wavelength. Reported performance is included to show trends for a selected power level. For specific
minimum and maximum values, use bin tables. For product roadmap and future performance of devices, contact Luminus.
Note 6: Caution must be taken not to stare at the light emitted from these LEDs. Under special circumstances, the high intensity could damage the eye.
Note 7: In CIE 1931 chromaticity diagram coordinates, normalized to X+Y+Z=1.
Note 8: For reference only.
Note 9: Special design considerations must be observed for operation under 1 A. Please contact Luminus for further information.
Note10:CBT-90-RX/BLEDisdesignedforoperationtoanabsolutemaximumcurrentandtemperatureasspecifiedabove.Productlifetimedataisspecified
at recommended forward drive currents. Sustained operation at or beyond absolute maximum currents or temperatures will result in a reduction
of device life ime compared to recommended conditions. Refer to the lifetime derating curves for further information.
7
PDS-002547 Rev08
© 2022 Luminus Devices, Inc . - All Rights Reserved
Luminus Devices, Inc. • T 408.708.7000 • www.luminus.com
1145 Sonora Court • Sunnyvale, CA 94086
CBT-90-RX/BTE
Product Datasheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com