Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBT-90-RX Datasheet(PDF) 4 Page - Luminus, Inc

Part # CBT-90-RX
Description  Thermally Enhanced LED Package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc

CBT-90-RX Datasheet(HTML) 4 Page - Luminus, Inc

  CBT-90-RX Datasheet HTML 1Page - Luminus, Inc CBT-90-RX Datasheet HTML 2Page - Luminus, Inc CBT-90-RX Datasheet HTML 3Page - Luminus, Inc CBT-90-RX Datasheet HTML 4Page - Luminus, Inc CBT-90-RX Datasheet HTML 5Page - Luminus, Inc CBT-90-RX Datasheet HTML 6Page - Luminus, Inc CBT-90-RX Datasheet HTML 7Page - Luminus, Inc CBT-90-RX Datasheet HTML 8Page - Luminus, Inc CBT-90-RX Datasheet HTML 9Page - Luminus, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
PDS-002547 Rev08
© 2022 Luminus Devices, Inc . - All Rights Reserved
Luminus Devices, Inc. • T 408.708.7000 • www.luminus.com
1145 Sonora Court • Sunnyvale, CA 94086
CBT-90-RX/BTE
Product Datasheet
Binning Structure
All CBT-90 monochromatic LEDs are tested for luminous flux/ wavelength and placed into one of the following flux/ wave length bins.The
binning structure is universally applied across each monochromatic color of the CBT-90 product line.
Color
Luminous Flux Bin (FF)3
Binning @ 13.5A, T
hs= 40°C⁵
Minimum Flux/ Power
Maximum Flux/ Power
Red
BM
770 lm
970 lm
BN
970 lm
1150 lm
BP
1150 lm
1350 lm
BQ
1350 lm
1570 lm
BR
1570 lm
1850 lm
Blue
G
8.3 W
9.1 W
H
9.1 W
10.0 W
J
10.0 W
11.0 W
K
11.0 W
12.1 W
L
12.1 W
13.3 W
M
13.3 W
14.6 W
Flux Bins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com