Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBT-90-RX Datasheet(PDF) 6 Page - Luminus, Inc

Part # CBT-90-RX
Description  Thermally Enhanced LED Package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc

CBT-90-RX Datasheet(HTML) 6 Page - Luminus, Inc

Back Button CBT-90-RX Datasheet HTML 2Page - Luminus, Inc CBT-90-RX Datasheet HTML 3Page - Luminus, Inc CBT-90-RX Datasheet HTML 4Page - Luminus, Inc CBT-90-RX Datasheet HTML 5Page - Luminus, Inc CBT-90-RX Datasheet HTML 6Page - Luminus, Inc CBT-90-RX Datasheet HTML 7Page - Luminus, Inc CBT-90-RX Datasheet HTML 8Page - Luminus, Inc CBT-90-RX Datasheet HTML 9Page - Luminus, Inc CBT-90-RX Datasheet HTML 10Page - Luminus, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Typical Device Performance
General Characteristics
Symbol
Red
Blue
Unit
Emitting Area
9.0
9.0
mm2
Emitting Area Dimensions
3.0x3.0
3.0x3.0
mm x mm
Characteristics at Recommended Test Drive Current , I
f
1, 2,3
Reference Duty Cycle
100
100
%
Test Peak Drive Current
typ
I
F
13.5
13.5
A
Peak Luminuous Flux4,5,6
typ
Φ
v
1250
630
lm
Peak Radiometric Flux4,5,6
typ
Φ
r
6.6
13
W
Dominant Wavelength4
typ
λ
d
620
461
nm
Peak Wavelength4
typ
λ
d
631
456
nm
FWHM- Spectral bandwidth at 50% of Φv4
typ
20
21
nm
Chromaticity Coordinates 7
typ
x
0.694
0.146
typ
y
0.306
0.035
Forward Voltage
min
V
F min
2
2.9
V
typ
V
F
2.8
3.5
V
max
V
F max
3.8
4.8
V
Dynamic Resistance
typ
Ω
dyn
0.03
0.02
Ω
Device Thermal Characteristics
Thermal Coefficient of Photometric Flux
typ
-1
-0.08
% / oC
Thermal Coefficient of Radiometric Flux
typ
-0.7
-0.2
% / oC
Forward Voltage Temperature Coefficient
typ
-2.9
-3.75
mV/ oC
6
PDS-002547 Rev08
© 2022 Luminus Devices, Inc . - All Rights Reserved
Luminus Devices, Inc. • T 408.708.7000 • www.luminus.com
1145 Sonora Court • Sunnyvale, CA 94086
CBT-90-RX/BTE
Product Datasheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com