Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBT-90-RX Datasheet(PDF) 12 Page - Luminus, Inc

Part # CBT-90-RX
Description  Thermally Enhanced LED Package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc

CBT-90-RX Datasheet(HTML) 12 Page - Luminus, Inc

Back Button CBT-90-RX Datasheet HTML 8Page - Luminus, Inc CBT-90-RX Datasheet HTML 9Page - Luminus, Inc CBT-90-RX Datasheet HTML 10Page - Luminus, Inc CBT-90-RX Datasheet HTML 11Page - Luminus, Inc CBT-90-RX Datasheet HTML 12Page - Luminus, Inc CBT-90-RX Datasheet HTML 13Page - Luminus, Inc CBT-90-RX Datasheet HTML 14Page - Luminus, Inc CBT-90-RX Datasheet HTML 15Page - Luminus, Inc CBT-90-RX Datasheet HTML 16Page - Luminus, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Thermal Resistance
TypicalThermal Resistance
R
θj-b
1
0.5 ºC/W
R
θj-ref
1
0.5 ºC/W
Note 1: Thermal resistance measurements are in
accordance with JEDEC 51-14.
Electrical Pinout
Thermistor Information
For more about calculating thermistor temperature, please see
https://7w4gu55aofsagtmy.anvil.app/S2C6EXFFQQ7SQYTBQ7MIUG2N
0
25
50
75
100
125
0
5
10
15
20
Resistance (K ohm)
12
PDS-002547 Rev08
© 2022 Luminus Devices, Inc . - All Rights Reserved
Luminus Devices, Inc. • T 408.708.7000 • www.luminus.com
1145 Sonora Court • Sunnyvale, CA 94086
CBT-90-RX/BTE
Product Datasheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com