Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBT-90-RX Datasheet(PDF) 9 Page - Luminus, Inc

Part # CBT-90-RX
Description  Thermally Enhanced LED Package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc

CBT-90-RX Datasheet(HTML) 9 Page - Luminus, Inc

Back Button CBT-90-RX Datasheet HTML 5Page - Luminus, Inc CBT-90-RX Datasheet HTML 6Page - Luminus, Inc CBT-90-RX Datasheet HTML 7Page - Luminus, Inc CBT-90-RX Datasheet HTML 8Page - Luminus, Inc CBT-90-RX Datasheet HTML 9Page - Luminus, Inc CBT-90-RX Datasheet HTML 10Page - Luminus, Inc CBT-90-RX Datasheet HTML 11Page - Luminus, Inc CBT-90-RX Datasheet HTML 12Page - Luminus, Inc CBT-90-RX Datasheet HTML 13Page - Luminus, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Optical & Electrical Characteristics (Blue)
Relative Luminous Flux vs Forward Current
Relative Luminous Flux vs Forward Current
Dom Wavelength Shift
Dom Wavelength Shift vs Forward Current
vs Forward Current
Relative
Relative Forward Voltage
Forward Voltage vs Forward Current
vs Forward Current
ΔVf = V(If) - V(13.5A) CW Ths = 40°C
φv/φv(13.5A) CW Ths = 40°C
ΔWL= WL(If) - WL(13.5A) CW Ths = 40°C
Relative Luminous Flux vsTemperature
Relative Luminous Flux vsTemperature
Relative
Relative Forward Voltage
Forward Voltage vsTemperature
vsTemperature
Dom Wavelength Shift
Dom Wavelength Shift vsTemperature
vsTemperature
φv/φv(40°C) CW If = 13.5A
ΔVf = V(Ths) - V(40°C) CW If = 13.5A
ΔWL= WL(Ths) - WL(40°C) CW If = 13.5A
9
PDS-002547 Rev08
© 2022 Luminus Devices, Inc . - All Rights Reserved
Luminus Devices, Inc. • T 408.708.7000 • www.luminus.com
1145 Sonora Court • Sunnyvale, CA 94086
CBT-90-RX/BTE
Product Datasheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com