Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBT-90-RX Datasheet(PDF) 5 Page - Luminus, Inc

Part # CBT-90-RX
Description  Thermally Enhanced LED Package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc

CBT-90-RX Datasheet(HTML) 5 Page - Luminus, Inc

  CBT-90-RX Datasheet HTML 1Page - Luminus, Inc CBT-90-RX Datasheet HTML 2Page - Luminus, Inc CBT-90-RX Datasheet HTML 3Page - Luminus, Inc CBT-90-RX Datasheet HTML 4Page - Luminus, Inc CBT-90-RX Datasheet HTML 5Page - Luminus, Inc CBT-90-RX Datasheet HTML 6Page - Luminus, Inc CBT-90-RX Datasheet HTML 7Page - Luminus, Inc CBT-90-RX Datasheet HTML 8Page - Luminus, Inc CBT-90-RX Datasheet HTML 9Page - Luminus, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
PDS-002547 Rev08
© 2022 Luminus Devices, Inc . - All Rights Reserved
Luminus Devices, Inc. • T 408.708.7000 • www.luminus.com
1145 Sonora Court • Sunnyvale, CA 94086
CBT-90-RX/BTE
Product Datasheet
Color
Wavelength Bin3
Binning @ 13.5A, T
hs= 40°C⁵
Minimum Wavelength (nm)
Maximum Wavelength (nm)
Red
(Dominant WL)
R2
611
615
R3
615
619
R4
619
623
R5
623
627
R6
627
631
Blue
(Peak WL)
445
445
450
450
450
455
455
455
460
460
460
465
465
465
470
Note 1: Luminus maintains a +/- 6% tolerance on flux measurements.
Note 2: Products are production tested then sorted and packed by bin.
Note 3: Individual bins are not orderable. Please refer to the Product ordering information page for a list of orderable bin kits.
Note 4: Product test condition: 13.5A DC, 40°C heat sink temperature.
Note 5: T
hs=Testing Heat Sink Temperature.
Wavelength Bins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com