Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBT-90-RX Datasheet(PDF) 2 Page - Luminus, Inc

Part # CBT-90-RX
Description  Thermally Enhanced LED Package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc

CBT-90-RX Datasheet(HTML) 2 Page - Luminus, Inc

  CBT-90-RX Datasheet HTML 1Page - Luminus, Inc CBT-90-RX Datasheet HTML 2Page - Luminus, Inc CBT-90-RX Datasheet HTML 3Page - Luminus, Inc CBT-90-RX Datasheet HTML 4Page - Luminus, Inc CBT-90-RX Datasheet HTML 5Page - Luminus, Inc CBT-90-RX Datasheet HTML 6Page - Luminus, Inc CBT-90-RX Datasheet HTML 7Page - Luminus, Inc CBT-90-RX Datasheet HTML 8Page - Luminus, Inc CBT-90-RX Datasheet HTML 9Page - Luminus, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
PDS-002547 Rev08
© 2022 Luminus Devices, Inc . - All Rights Reserved
Luminus Devices, Inc. • T 408.708.7000 • www.luminus.com
1145 Sonora Court • Sunnyvale, CA 94086
Testing of Luminus LEDs
Luminus core board products are typically measured in such a
way that the characteristics reported agree with how the devices
will actually perform when incorporated into a system. This
measurement is accomplished by mounting the devices on a
40ºC heat sink and allowing the device to reach thermal
equilibrium while fully powered. Only after the device reaches
equilibrium are the measurements taken. This method of
measurement ensures that Luminus LEDs perform in the field
just as they are specified.
Expected flux values in real world operation can be extrapolated
based on the information contained within this product data
sheet.
Understanding Luminus LED Test Specifications
Every Luminus LED is fully tested to ensure that it meets the high quality standards expected from Luminus’products.
Luminus LEDTechnology
Luminus’Devices vertical chip LED technology enables large area
LED chips with uniform brightness over the entire LED chip
surface. The optical power and brightness produced by these
large monolithic chips enable solutions which replace arc and
halogen lamps where arrays of traditional high power LEDs
cannot.
PackagingTechnology
Thermal management is critical in high power LED applications.
With a thermal resistance from junction to heat sink of 0.5º C/W,
Luminus CBT-90 LEDs have the lowest thermal resistance of any
LED on the market. This allows the LED to be driven at higher
current densities while maintaining a low junction temperature,
thereby resulting in brighter solutions and longer lifetimes.
Environmental Benefits
Luminus LEDs help reduce power consumption and the amount
of hazardous waste entering the environment. All LED products
manufactured by Luminus are RoHS compliant and free of
hazardous materials, including lead and mercury.
Reliability
Designed from the ground up, Luminus LEDs are one of the most
reliable light sources in the world today. Luminus LEDs have
passed a rigorous suite of environmental and mechanical stress
tests,includingmechanicalshock,vibration,temperaturecycling
and humidity, and have been fully qualified for use in extreme
high power and high current applications. With very low failure
rates and median lifetimes that typically exceed 60,000 hours,
Luminus LEDs are ready for even the most demanding
applications.
Static Electricity
The products are sensitive to static electricity, and care should be
taken when handling them. Static electricity or surge voltage
willdamage the LEDs. It is recommended to wear an anti-
electrostatic wristband or an anti-electrostatic gloves when
handling the LEDs. All devices, equipment and machinery must
be properly grounded. It is recommended that measures be
taken against surge voltage to the equipment that mounts the
LEDs.
Reference: APN-002815 Electrical Stress Damage to LEDs and
How to Prevent It
Technology Overview
Luminus LEDs benefit from a suite of innovations in the fields of chip technology, packaging and thermal management. These
breakthroughs allow illumination engineers and designers to achieve solutions that are high brightness and high efficiency.
CBT-90-RX/BTE
Product Datasheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com