Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBT-90-RX Datasheet(PDF) 1 Page - Luminus, Inc

Part # CBT-90-RX
Description  Thermally Enhanced LED Package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc

CBT-90-RX Datasheet(HTML) 1 Page - Luminus, Inc

  CBT-90-RX Datasheet HTML 1Page - Luminus, Inc CBT-90-RX Datasheet HTML 2Page - Luminus, Inc CBT-90-RX Datasheet HTML 3Page - Luminus, Inc CBT-90-RX Datasheet HTML 4Page - Luminus, Inc CBT-90-RX Datasheet HTML 5Page - Luminus, Inc CBT-90-RX Datasheet HTML 6Page - Luminus, Inc CBT-90-RX Datasheet HTML 7Page - Luminus, Inc CBT-90-RX Datasheet HTML 8Page - Luminus, Inc CBT-90-RX Datasheet HTML 9Page - Luminus, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
PDS-002547 Rev08
© 2022 Luminus Devices, Inc . - All Rights Reserved
Luminus Devices, Inc. • T 408.708.7000 • www.luminus.com
1145 Sonora Court • Sunnyvale, CA 94086
CBT-90-RX/BTE
Product Datasheet
Applications
• Fiber-coupled Illumination
• Architectural and Entertainment
Lighting
• Medical Lighting
• Machine Vision
• Microscopy
• Displays and Signage
• General Illumination
• Spot Lighting
• Emergency Vehicle Lighting
• Projection Systems
Features
• Large, monolithic chip with uniform emitting area of 9 mm2
• Wide color gamut available for Red and Blue single color LEDs. Green, White and UV
CBT-90 LEDs are also available with the same package format
• Ultra High thermal conductivity package allows operation at up to 27A CW
• High precision LEDs placement on copper core PCB for easier thermal management
and optical integration
• Unencapsulated die with low profile protective window optimizes optical coupling in
etendue-limited applications
• Environmentally friendly: RoHS and REACH compliant
Table of Contents
Technology Overview ......2
Ordering Information ......3
Binning Structure ..........4
Typical Device
Performance...............6
Absolute Maximum
Ratings ....................7
Optical and Electrical
Characteristics .............8
Angular Intensity
Distribution.............. 10
Typical Spectrum ........ 11
Thermal Resistance ...... 12
Mechanical Dimensions .. 13
Packaging Information ... 15
Revision History ......... 17
CBT-90-RX/B
Thermally Enhanced
LED Package


Similar Part No. - CBT-90-RX

ManufacturerPart #DatasheetDescription
logo
Luminus, Inc
CBT-90-RX-L15-BM100 LUMINUS-CBT-90-RX-L15-BM100 Datasheet
1Mb / 15P
Thermally Enhanced LED Chipset
More results

Similar Description - CBT-90-RX

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
STW7C2SA SEOUL-STW7C2SA Datasheet
1Mb / 31P
Thermally Enhanced Package Design
STW8B12B SEOUL-STW8B12B Datasheet
871Kb / 30P
Thermally Enhanced Package Design
STW8B12B-NZ SEOUL-STW8B12B-NZ Datasheet
812Kb / 24P
Thermally Enhanced Package Design
STW8B12G SEOUL-STW8B12G Datasheet
911Kb / 29P
Thermally Enhanced Package Design
STW8C2PA SEOUL-STW8C2PA Datasheet
1Mb / 31P
Thermally Enhanced Package Design
STW9B12G SEOUL-STW9B12G Datasheet
718Kb / 24P
Thermally Enhanced Package Design
STW9C2SA SEOUL-STW9C2SA Datasheet
1Mb / 32P
Thermally Enhanced Package Design
STW7C12Y SEOUL-STW7C12Y Datasheet
886Kb / 25P
Thermally Enhanced Package Design
STW8C2SB-NZ SEOUL-STW8C2SB-NZ Datasheet
1Mb / 30P
Thermally Enhanced Package Design
STW9C2SB-NZ SEOUL-STW9C2SB-NZ Datasheet
1Mb / 30P
Thermally Enhanced Package Design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com