Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VOL-OCK6-U-R Datasheet(PDF) 35 Page - 3M Electronics

Part # VOL-OCK6-U-R
Description  Solutions for Enterprise Networks
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

VOL-OCK6-U-R Datasheet(HTML) 35 Page - 3M Electronics

Back Button VOL-OCK6-U-R Datasheet HTML 31Page - 3M Electronics VOL-OCK6-U-R Datasheet HTML 32Page - 3M Electronics VOL-OCK6-U-R Datasheet HTML 33Page - 3M Electronics VOL-OCK6-U-R Datasheet HTML 34Page - 3M Electronics VOL-OCK6-U-R Datasheet HTML 35Page - 3M Electronics VOL-OCK6-U-R Datasheet HTML 36Page - 3M Electronics VOL-OCK6-U-R Datasheet HTML 37Page - 3M Electronics VOL-OCK6-U-R Datasheet HTML 38Page - 3M Electronics VOL-OCK6-U-R Datasheet HTML 39Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 62 page
background image
33
1
1.1
Copper Cabling
1.1.6
Volition™ Cat 6 RJ45 to RJ45 Patch Cables
Volition™ Cat 6 RJ45 to RJ45 Patch Cable, 100 Ohms
Type/Order Text
Ref.-No.
Volition™ Cat 6 RJ45 to RJ45 Patch Cable, UTP, LSOH, 0,5 m, red
VOL-6UL-L0.5R
Volition™ Cat 6 RJ45 to RJ45 Patch Cable, UTP, LSOH, 1 m, red
VOL-6UL-L1R
Volition™ Cat 6 RJ45 to RJ45 Patch Cable, UTP, LSOH, 2 m, red
VOL-6UL-L2R
Volition™ Cat 6 RJ45 to RJ45 Patch Cable, UTP, LSOH, 3 m, red
VOL-6UL-L3R
Volition™ Cat 6 RJ45 to RJ45 Patch Cable, UTP, LSOH, 5 m, red
VOL-6UL-L5R
Volition™ Cat 6 RJ45 to RJ45 Patch Cable, UTP, LSOH, 0,5 m, yellow
VOL-6UL-L0.5Y
Volition™ Cat 6 RJ45 to RJ45 Patch Cable, UTP, LSOH, 1 m, yellow
VOL-6UL-L1Y
Volition™ Cat 6 RJ45 to RJ45 Patch Cable, UTP, LSOH, 2 m, yellow
VOL-6UL-L2Y
Volition™ Cat 6 RJ45 to RJ45 Patch Cable, UTP, LSOH, 3 m, yellow
VOL-6UL-L3Y
Volition™ Cat 6 RJ45 to RJ45 Patch Cable, UTP, LSOH, 5 m, yellow
VOL-6UL-L5Y
Volition™ Cat 6 RJ45 to RJ45 Patch Cable, UTP, LSOH, 0,5 m, green
VOL-6UL-L0.5G
Volition™ Cat 6 RJ45 to RJ45 Patch Cable, UTP, LSOH, 1 m, green
VOL-6UL-L1G
Volition™ Cat 6 RJ45 to RJ45 Patch Cable, UTP, LSOH, 2 m, green
VOL-6UL-L2G
Volition™ Cat 6 RJ45 to RJ45 Patch Cable, UTP, LSOH, 3 m, green
VOL-6UL-L3G
Volition™ Cat 6 RJ45 to RJ45 Patch Cable, UTP, LSOH, 5 m, green
VOL-6UL-L5G
Volition™ Cat 6 RJ45 to RJ45 Patch Cable, UTP, LSOH, 0,5 m, blue
VOL-6UL-L0.5B
Volition™ Cat 6 RJ45 to RJ45 Patch Cable, UTP, LSOH, 1 m, blue
VOL-6UL-L1B
Volition™ Cat 6 RJ45 to RJ45 Patch Cable, UTP, LSOH, 1,5m, blue
VOL-6UL-L1,5B
Volition™ Cat 6 RJ45 to RJ45 Patch Cable, UTP, LSOH, 2 m, blue
VOL-6UL-L2B
Volition™ Cat 6 RJ45 to RJ45 Patch Cable, UTP, LSOH, 3 m, blue
VOL-6UL-L3B
Volition™ Cat 6 RJ45 to RJ45 Patch Cable, UTP, LSOH, 5 m, blue
VOL-6UL-L5B
Volition™ Cat 6 RJ45 to RJ45 Patch Cable, UTP, LSOH, 7 m, blue
VOL-6UL-L7B
Volition™ Cat 6 RJ45 to RJ45 Patch Cable, UTP, LSOH, 1 m, white
VOL-6UL-L1W
Volition™ Cat 6 RJ45 to RJ45 Patch Cable, UTP, LSOH, 1,5 m, white
VOL-6UL-L1.5W
Volition™ Cat 6 RJ45 to RJ45 Patch Cable, UTP, LSOH, 2 m, white
VOL-6UL-L2W
Volition™ Cat 6 RJ45 to RJ45 Patch Cable, UTP, LSOH, 3 m, white
VOL-6UL-L3W
Volition™ Cat 6 RJ45 to RJ45 Patch Cable, UTP, LSOH, 5 m, white
VOL-6UL-L5W
Volition™ Cat 6 RJ45 to RJ45 Patch Cable, UTP, LSOH, 7 m, white
VOL-6UL-L7W
Volition™ Cat 6 RJ45 to RJ45 Patch Cable, UTP, LSOH, 10 m, white
VOL-6UL-L10W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com