Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VOL-OCK6-U-R Datasheet(PDF) 38 Page - 3M Electronics

Part # VOL-OCK6-U-R
Description  Solutions for Enterprise Networks
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

VOL-OCK6-U-R Datasheet(HTML) 38 Page - 3M Electronics

Back Button VOL-OCK6-U-R Datasheet HTML 34Page - 3M Electronics VOL-OCK6-U-R Datasheet HTML 35Page - 3M Electronics VOL-OCK6-U-R Datasheet HTML 36Page - 3M Electronics VOL-OCK6-U-R Datasheet HTML 37Page - 3M Electronics VOL-OCK6-U-R Datasheet HTML 38Page - 3M Electronics VOL-OCK6-U-R Datasheet HTML 39Page - 3M Electronics VOL-OCK6-U-R Datasheet HTML 40Page - 3M Electronics VOL-OCK6-U-R Datasheet HTML 41Page - 3M Electronics VOL-OCK6-U-R Datasheet HTML 42Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 62 page
background image
1.1
Copper Cabling
1.1.6
Volition™ Cat 5e RJ45 to RJ45 Patch Cables
36
Volition™ Cat 5e RJ45 to RJ45 Patch Cable, 100 Ohms
Type/Order Text
Ref.-No.
Volition™ Cat 5e RJ45 to RJ45 Patch Cable, SFTP, LSOH,
Shielded RJ45, Equipped with a boot, Colour: Grey
Volition™ Cat 5e RJ45 to RJ45 Patch Cable, SFTP, LSOH, 0,5 m
PU: 1, MOQ: 12
VOL-5ESFL-L0.5
Volition™ Cat 5e RJ45 to RJ45 Patch Cable, SFTP, LSOH, 1 m
PU: 1, MOQ: 12
VOL-5ESFL-L1
Volition™ Cat 5e RJ45 to RJ45 Patch Cable, SFTP, LSOH, 2 m
PU: 1, MOQ: 12
VOL-5ESFL-L2
Volition™ Cat 5e RJ45 to RJ45 Patch Cable, SFTP, LSOH, 3 m
PU: 1, MOQ: 12
VOL-5ESFL-L3
Volition™ Cat 5e RJ45 to RJ45 Patch Cable, SFTP, LSOH, 5 m
PU: 1, MOQ: 6
VOL-5ESFL-L5
Volition™ Cat 5e RJ45 to RJ45 Patch Cable, FTP, LSOH,
8 contacts RJ45, equipped with a boot, various colours
Volition™ Cat 5e RJ45 to RJ45 Patch Cable, FTP, LSOH, 0,5 m, red
PU: 1, MOQ: 12
VOL-5EFL-L0.5-R
Volition™ Cat 5e RJ45 to RJ45 Patch Cable, FTP, LSOH, 1 m, red
PU: 1, MOQ: 12
VOL-5EFL-L1-R
Volition™ Cat 5e RJ45 to RJ45 Patch Cable, FTP, LSOH, 2 m, red
PU: 1, MOQ: 12
VOL-5EFL-L2-R
Volition™ Cat 5e RJ45 to RJ45 Patch Cable, FTP, LSOH, 3 m, red
PU: 1, MOQ: 12
VOL-5EFL-L3-R
Volition™ Cat 5e RJ45 to RJ45 Patch Cable, FTP, LSOH, 5 m, red
PU: 1, MOQ: 6
VOL-5EFL-L5-R
Volition™ Cat 5e RJ45 to RJ45 Patch Cable, FTP, LSOH, 0,5 m, yellow
PU: 1, MOQ: 12
VOL-5EFL-L0.5-Y
Volition™ Cat 5e RJ45 to RJ45 Patch Cable, FTP, LSOH, 1 m, yellow
PU: 1, MOQ: 12
VOL-5EFL-L1-Y
Volition™ Cat 5e RJ45 to RJ45 Patch Cable, FTP, LSOH, 2 m, yellow
PU: 1, MOQ: 12
VOL-5EFL-L2-Y
Volition™ Cat 5e RJ45 to RJ45 Patch Cable, FTP, LSOH, 3 m, yellow
PU: 1, MOQ: 12
VOL-5EFL-L3-Y
Volition™ Cat 5e RJ45 to RJ45 Patch Cable, FTP, LSOH, 5 m, yellow
PU: 1, MOQ: 6
VOL-5EFL-L5-Y
Volition™ Cat 5e RJ45 to RJ45 Patch Cable, FTP, LSOH, 0,5 m, green
PU: 1, MOQ: 12
VOL-5EFL-L0.5-GR
Volition™ Cat 5e RJ45 to RJ45 Patch Cable, FTP, LSOH, 1 m, green
PU: 1, MOQ: 12
VOL-5EFL-L1-GR
Volition™ Cat 5e RJ45 to RJ45 Patch Cable, FTP, LSOH, 2 m, green
PU: 1, MOQ: 12
VOL-5EFL-L2-GR
Volition™ Cat 5e RJ45 to RJ45 Patch Cable, FTP, LSOH, 3 m, green
PU: 1, MOQ: 12
VOL-5EFL-L3-GR
Volition™ Cat 5e RJ45 to RJ45 Patch Cable, FTP, LSOH, 5 m, green
PU: 1, MOQ: 6
VOL-5EFL-L5-GR
Volition™ Cat 5e RJ45 to RJ45 Patch Cable, FTP, LSOH, 0,5 m, blue
PU: 1, MOQ: 12
VOL-5EFL-L0.5-B
Volition™ Cat 5e RJ45 to RJ45 Patch Cable, FTP, LSOH, 1 m, blue
PU: 1, MOQ: 12
VOL-5EFL-L1-B
Volition™ Cat 5e RJ45 to RJ45 Patch Cable, FTP, LSOH, 2 m, blue
PU: 1, MOQ: 12
VOL-5EFL-L2-B
Volition™ Cat 5e RJ45 to RJ45 Patch Cable, FTP, LSOH, 3 m, blue
PU: 1, MOQ: 12
VOL-5EFL-L3-B
Volition™ Cat 5e RJ45 to RJ45 Patch Cable, FTP, LSOH, 5 m, blue
PU: 1, MOQ: 6
VOL-5EFL-L5-B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com