Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VOL-OCK6-U-R Datasheet(PDF) 49 Page - 3M Electronics

Part # VOL-OCK6-U-R
Description  Solutions for Enterprise Networks
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

VOL-OCK6-U-R Datasheet(HTML) 49 Page - 3M Electronics

Back Button VOL-OCK6-U-R Datasheet HTML 45Page - 3M Electronics VOL-OCK6-U-R Datasheet HTML 46Page - 3M Electronics VOL-OCK6-U-R Datasheet HTML 47Page - 3M Electronics VOL-OCK6-U-R Datasheet HTML 48Page - 3M Electronics VOL-OCK6-U-R Datasheet HTML 49Page - 3M Electronics VOL-OCK6-U-R Datasheet HTML 50Page - 3M Electronics VOL-OCK6-U-R Datasheet HTML 51Page - 3M Electronics VOL-OCK6-U-R Datasheet HTML 52Page - 3M Electronics VOL-OCK6-U-R Datasheet HTML 53Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 62 page
background image
1
47
1.2
Fibre Cabling
1.2.4
Volition™ Installation Indoor/Outdoor
Cable, 50/125/250µm
Description
The Volition Indoor / Outdoor fibre
optic cable includes both horizon-
tal and backbone cable with eit-
her 50/125µm, 62,5/125µm mul-
timode or 9/125µm singlemode
fibre.
The primary application of the
cable is for indoor and outdoor
installations into cable trays or
ducts in LAN’s. All cable sheaths
are LSZH (low smoke zero halo-
gen) rated to fulfill the safety
requirements for internal cabling.
All cable variants have good resistance to water. The cable core is
water resistant which is achieved by a combination of an expanding
tape and gel filled tubes allowing for the cables to be installed in
areas where water within ducts is a possibility.
Each category of Volition Indoor / Outdoor cable is available in fibre
counts ranging from 2 to 144 fibres.
Other constructions are available upon request.
Indoor / Outdoor Cable
Highlights:
• Cable construction fully dielectric for immunity against
lightning
•All tubes containing fibres are gel filled for protection
against water
• The cable core is protected against water ingress by an
expanding tape.
•UVstabilised sheath makes the cable suitable for external
use
•Fibres are colour coded for fast installation and
organisation
• Operational temperature for 2 to 24 fibre cables:
-30°C to 60°C; max attenuation variation is 0.5 dB/km
(up to the max specified value - Aramid yarn only)
• Operational temperature for 48 to 144 fibre cables:
-40°C to 60°C; max attenuation variation is 0.1 dB/km
(up to the max specified value)
Fibre Specification:
Type
Attenuation
Bandwidth
Index of Refraction
50/125µm Multimode OM2
≤ 2,7 dB/km @ 850 nm
> 500 MHz-km @ 850 nm
1,482
≤ 0,8 dB/km @ 1300 nm
> 800 MHz-km @ 1300 nm
1,477
62,5/125µm Multimode OM1
≤ 3,2 dB/km @ 850 nm
> 200 MHz-km @ 850 nm
1,496
≤ 1,0 dB/km @ 1300 nm
> 600 MHz-km @ 1300 nm
1,491
Cut off Wavelength
9/125µm Singlemode
≤ 0,40 dB/km @ 1310 nm
Upper Limit 1330 nm
1,467
Lower Limit 1180 nm
Type/Order Text
Ref.-No.
50/125 µm, 2 fibres
LSZH with aramid yarn, outer diameter: 7 mm
VOL-IO A52
Length: 500 m, PU: 1, MOQ: 1
50/125 µm, 4 fibres
LSZH with aramid yarn, outer diameter: 7 mm
VOL-IO A54
Length: 500 m, PU: 1, MOQ: 1
50/125 µm, 6 fibres
LSZH with aramid yarn, outer diameter: 7 mm
VOL-IO A56
Length: 500 m, PU: 1, MOQ: 1E
50/125 µm, 8 fibres
LSZH with aramid yarn, outer diameter: 7 mm
VOL-IO A58
Length: 500 m, PU: 1, MOQ: 1
Indoor/Outdoor aramid yarn, without rodent protection, multimode
Optical fibres
Central Uni tube
Swellable tape
Strength member
1,1mm LSZH sheath
2 to 24 fibres



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com