Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VOL-OCK6-U-R Datasheet(PDF) 9 Page - 3M Electronics

Part # VOL-OCK6-U-R
Description  Solutions for Enterprise Networks
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

VOL-OCK6-U-R Datasheet(HTML) 9 Page - 3M Electronics

Back Button VOL-OCK6-U-R Datasheet HTML 5Page - 3M Electronics VOL-OCK6-U-R Datasheet HTML 6Page - 3M Electronics VOL-OCK6-U-R Datasheet HTML 7Page - 3M Electronics VOL-OCK6-U-R Datasheet HTML 8Page - 3M Electronics VOL-OCK6-U-R Datasheet HTML 9Page - 3M Electronics VOL-OCK6-U-R Datasheet HTML 10Page - 3M Electronics VOL-OCK6-U-R Datasheet HTML 11Page - 3M Electronics VOL-OCK6-U-R Datasheet HTML 12Page - 3M Electronics VOL-OCK6-U-R Datasheet HTML 13Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 62 page
background image
Volition™ Network Solutions include a unique fibre cabling system providing “freedom of
choice” in the design and optimisation of the overall network architecture.
They also offer a state of the art voice and data copper cabling system, including a
Category 6 system which gives significant channel performance headroom over existing
standards helping a broad range of customers migrate to high bandwidth.
A variety of easy to install and innovative connectivity solutions ensure high performance,
and reliable systems.
The revolutionary VF-45™ small form factor fibre connector has helped to reduce the
complexity of fibre networking, while the 3M™ RJ45 copper products offer simple termi-
nation solutions – jacks snap on without tools – with built-in reliability features and com-
ponent performance exceeding existing standards.
1.1 Copper Cabling
Page
1.1.1 RJ45 Keystone Series
8 - 14
Volition™ RJ45 K6 Jacks
8
Volition™ RJ45 K5e Jacks
9
Volition™ RJ45 K Series Faceplates and Sockets
10 - 12
Volition™ RJ45 K Series Patch Panels
13 - 14
1.1.2 RJ45 Giga Series
15 - 21
Volition™ RJ45 Giga Jacks
15
Volition™ RJ45 Faceplates
16
Volition™ RJ45 Faceplates and Sockets
17 - 18
Volition™ RJ45 Giga Patch Panels
19 - 21
1.1.3 Multiple Office Sockets
22 - 24
Volition™ 45x45 Module Supports
22 - 23
Volition™ 50x50 Module Supports
24
1.1.4 RJ45 Adapter Boxes
25
Volition™ RJ45 Double Adapters
25
1.1.5 Horizontal Cables
26 - 30
Volition™ Cat 5e Cables
28
Volition™ Cat 6 Cables
29
Volition™ Cat 7 and Backbone Cat 5 Cables
30
1.1.6 Patch Cables 100
Ω
31 - 36
Volition™ Cat 6 RJ45 to RJ45
31 - 33
Volition™ Cat 5e RJ45 to RJ45
34 - 36
1.2 Fibre Cabling
1.2.1 Sockets
37 - 40
Volition™ VF-45™ Socket/Field Mount Plug
37
Volition™ VF-45™ Tools and Consumables
38 - 40
1.2.2 Volition™ Outlets and Faceplates
41
1.2.3 Volition™ 19" Patch Panels
42
1.2.4 Volition™ Horizontal and Volition™ Backbone Cables
43 - 53
Volition™ Installation Indoor Cable
43 - 46
Volition™ Installation Indoor/Outdoor Cable
47 - 53
1.2.5 Volition™ Patch Cables
54 - 56
Volition™Mutlimode Patch Cables
54 - 55
Volition™Single-mode Patch Cables
56
1.2.6 Volition™ VF-45™ Test Leads
57
1.3 Networking Hardware
1.3.1 Volition™ Media Converter
58
1.3.2 Volition™ Network Interface Cards
59
Volition™ Network Solutions
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com