Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VOL-OCK6-U-R Datasheet(PDF) 42 Page - 3M Electronics

Part # VOL-OCK6-U-R
Description  Solutions for Enterprise Networks
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

VOL-OCK6-U-R Datasheet(HTML) 42 Page - 3M Electronics

Back Button VOL-OCK6-U-R Datasheet HTML 38Page - 3M Electronics VOL-OCK6-U-R Datasheet HTML 39Page - 3M Electronics VOL-OCK6-U-R Datasheet HTML 40Page - 3M Electronics VOL-OCK6-U-R Datasheet HTML 41Page - 3M Electronics VOL-OCK6-U-R Datasheet HTML 42Page - 3M Electronics VOL-OCK6-U-R Datasheet HTML 43Page - 3M Electronics VOL-OCK6-U-R Datasheet HTML 44Page - 3M Electronics VOL-OCK6-U-R Datasheet HTML 45Page - 3M Electronics VOL-OCK6-U-R Datasheet HTML 46Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 62 page
background image
1.2
Fibre Cabling
1.2.1
Volition™ VF-45™
Tools and Consumables
Description
40
VolitionTM Cleaning Kits
Type/Order text
Ref.-No.
The VOL-0570 maintenance cleaning kit keeps VF-45 fibre inter-
connects in wall boxes, patch panels or electronic equipment ope-
rating at a ‘just installed’ optical performance level. The system
comprises a spray bottle of Volition HFE-based cleaning fluid and
separate attachments designed for VF-45 socket and plug inser-
tions. HFE based cleaning fluid is non-flammable and non-conduc-
tive. The maintenance cleaning kit is convenient, effective and a
quick way to clean fibres and faces, without disassembly from face
plates or panels.
To complement the VOL-0570, the VOL-0570B allows the cleaning
of both fibres in VF-45 test leads. This kit provides a convenient,
effective and quick way to clean both fibres in plugs on patch cords
and reference test leads.
VF-45 Maintenance Cleaning Kit,
VOL-0573
Incl. Cleaning Fluid
PU: 1
MOQ: 1
VF-45 Cleaning Fluid
VOL-0570A
Bottle, 473 ml
PU: 12
MOQ: 1
VF-45 Mechanical Plug Cleaner
VOL-0570B
PU: 1
MOQ: 1
Cleaning Tissues for VF-45 Plug Cleaner
VOL-0570C
PU: 200 MOQ: 1
Volition™ VF-45™ Mechanical Plug Cleaner
Volition™ VF-45™ Maintenance Cleaning Kit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com