Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VOL-OCK6-U-R Datasheet(PDF) 59 Page - 3M Electronics

Part # VOL-OCK6-U-R
Description  Solutions for Enterprise Networks
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

VOL-OCK6-U-R Datasheet(HTML) 59 Page - 3M Electronics

Back Button VOL-OCK6-U-R Datasheet HTML 54Page - 3M Electronics VOL-OCK6-U-R Datasheet HTML 55Page - 3M Electronics VOL-OCK6-U-R Datasheet HTML 56Page - 3M Electronics VOL-OCK6-U-R Datasheet HTML 57Page - 3M Electronics VOL-OCK6-U-R Datasheet HTML 58Page - 3M Electronics VOL-OCK6-U-R Datasheet HTML 59Page - 3M Electronics VOL-OCK6-U-R Datasheet HTML 60Page - 3M Electronics VOL-OCK6-U-R Datasheet HTML 61Page - 3M Electronics VOL-OCK6-U-R Datasheet HTML 62Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 59 / 62 page
background image
1
57
1.2
Fibre Cabling
1.2.6
Volition™ VF-45™ Test Leads
Description
Reference Cable Kits
Volition reference cable kits enable connections to be made to test
equipment fitted with an ST or SC connector interface. The trans-
mit cable consists of a VF45 socket on one end and a choice of
either 2 ST, SC or FC at the other end. The receive cable has a
VF-45 socket housed in a protective casing on one end and at the
other there are either 2 ST or 2 SC connectors.
The 100m OTDR cables are necessary to ensure the near end
connector is outside the near end dead zone of the OTDR being
used.
Launch cables are available with SC connectors.
Type/Order Text
Ref.-No.
Highlights:
• Guaranteed high quality
• Receiver or transmitter cable with VF-45™ connector
• Available with either two SC or two ST connectors for
connection to test equipment.
VF-45 Connector to ST Connector and VF-45 Socket
VOL-UREF-050-ST
PU: 1
MOQ: 1
Reference Cable kit, beige, 1,5 m:
50/125µm Connecting Cable
ST Connector to VF-45 Socket (2x)
ST Connector to VF-45 Connector (2x)
50/125 Reference Cable
VF-45 Connector to VF-45 Connector (1x)
VF-45 Connector to ST Connector and VF-45 Socket
VOL-UREF-062-ST
PU: 1
MOQ: 1
Reference Cable kit, beige, 1,5 m:
62,5/125µm Connecting Cable ST Connector to VF-45 Socket (2x)
ST Connector to VF-45 Connector (2x)
62,5/125 Reference Cable
VF-45 Connector to VF-45 Connector (1x)
VF-45 Connector to ST Connector and VF-45 Socket
VOL-UREF-SM-ST
PU: 1
MOQ: 1
Reference Cable kit, green, 1,5 m:
9/125µm Connecting Cable
ST Connector to VF-45 Socket (2x)
ST Connector to VF-45 Connector (2x)
9/125 Reference Cable
VF-45 Connector to VF-45 Connector (1x)
VF-45 Connector to SC Connector and VF-45 Socket
VOL-UREF-050-SC
PU: 1
MOQ: 1
Reference Cable kit, beige, 1,5 m:
50/125µm Connecting Cable
SC Connector to auf VF-45 Socket (2x)
SC Connector to VF-45 Connector (2x)
50/125 Reference Cable
VF-45 Connector to VF-45 Connector (1x)
VF-45 Connector to SC Connector and VF-45 Socket
VOL-UREF-062-SC
PU: 1
MOQ: 1
Reference Cable kit, beige, 1,5 m:
62,5/125µm Connecting Cable SC Connector to VF-45 Socket (2x)
SC Connector to VF-45 Connector (2x)
62,5/125 Reference Cable
VF-45 Connector to VF-45 Connector (1x)
VF-45 Connector to SC Connector and VF-45 Socket
VOL-UREF-SM-SC
PU: 1
MOQ: 1
Reference Cable kit, green, 1,5 m:
9/125µm Connecting Cable
SC Connector to VF-45 Socket (2x)
SC Connector to VF-45 Connector (2x)
9/125 Reference Cable
VF-45 Connector to VF-45 Connector (1x)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com