Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VOL-OCK6-U-R Datasheet(PDF) 58 Page - 3M Electronics

Part # VOL-OCK6-U-R
Description  Solutions for Enterprise Networks
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

VOL-OCK6-U-R Datasheet(HTML) 58 Page - 3M Electronics

Back Button VOL-OCK6-U-R Datasheet HTML 54Page - 3M Electronics VOL-OCK6-U-R Datasheet HTML 55Page - 3M Electronics VOL-OCK6-U-R Datasheet HTML 56Page - 3M Electronics VOL-OCK6-U-R Datasheet HTML 57Page - 3M Electronics VOL-OCK6-U-R Datasheet HTML 58Page - 3M Electronics VOL-OCK6-U-R Datasheet HTML 59Page - 3M Electronics VOL-OCK6-U-R Datasheet HTML 60Page - 3M Electronics VOL-OCK6-U-R Datasheet HTML 61Page - 3M Electronics VOL-OCK6-U-R Datasheet HTML 62Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 58 / 62 page
background image
1.2
Fibre Cabling
1.2.5
Volition™ Patch Cable
Single-mode 9/125/250µm
56
Description
Patch cable, Single-mode 9/125/250µm
Factory made VF-45 Duplex patch cables in various lengths are
used for patching between sockets or for making the connection to
transceivers on the workstation, hub or switch. Hybrid cables to
connect ST, SC, LC and MTRJ interfaces are also available.
Other Hybrids available upon request.
Note: During 2005, the patch cables will be changed to a universal
type, which is both riser and LSZH rated. Reference numbers will
change. For example: from VOL-V9L1 to VOL-V9L/R1
Highlights:
• Duplex connection
• Factory made VF-45 duplex patch cables in various lengths
• Automatic dust protection protects fibres in unmated
condition
• Tested to TIA/EIA and IEC performance requirements
• Patchcords made with 3M’s innovative coated fibre, GGP,
minimum bend radius 25mm
Type/Order Text
Ref.-No.
VF-45-Connector to VF-45-Connector, 9/125µm, LSZH
PU: 12
MOQ: 1
Length:
1 m
VOL-V9L1
1,5 m
VOL-V9L1,5
2m
VOL-V9L2
3m
VOL-V9L3
5m
VOL-V9L5
8m
VOL-V9L8
15 m
VOL-V9L15
30 m
VOL-V9L30
VF-45-Connector to ST-Connector, 9/125µm, LSZH
PU: 12
MOQ: 1
Length:
1 m
VOL-T9L1
1,5 m
VOL-T9L1,5
2m
VOL-T9L2
3m
VOL-T9L3
5m
VOL-T9L5
8m
VOL-T9L8
15 m
VOL-T9L15
30 m
VOL-T9L30
VF-45-Connector to SC-Connector, 9/125µm, LSZH
PU: 12
MOQ: 1
Length:
1 m
VOL-C9L1
1,5 m
VOL-C9L1,5
2m
VOL-C9L2
3m
VOL-C9L3
5m
VOL-C9L5
8m
VOL-C9L8
15 m
VOL-C9L15
30 m
VOL-C9L30
Other types upon request
VF-45-Connector to MTRJ-Connector, 9/125µm, LSZH
PU: 12
MOQ: 1
Length:
1 m
VOL-M9L1
2m
VOL-M9L2
3m
VOL-M9L3
5m
VOL-M9L5
8m
VOL-M9L8
10 m
VOL-M9L10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com